Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1020CV33 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1020CV33
Description  512 K (32 K 횞 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020CV33 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1020CV33_10 Datasheet HTML 2Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 3Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 4Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 5Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 6Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 7Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 8Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 9Page - Cypress Semiconductor CY7C1020CV33_10 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C1020CV33
Document Number: 38-05133 Rev. *H
Page 6 of 13
AC Test Loads and Waveforms[4]
Switching Characteristics
Over the Operating Range[4]
Parameter
Description
–10
–12
–15
Unit
Min
Max
Min
Max
Min
Max
Read Cycle
tRC
Read cycle time
10
12
15
ns
tAA
Address to data valid
10
12
15
ns
tOHA
Data hold from address change
3–3–3–
ns
tACE
CE LOW to data valid
10
12
15
ns
tDOE
OE LOW to data valid
–5–6–7
ns
tLZOE
OE LOW to low Z[5]
0–0–0–
ns
tHZOE
OE HIGH to high Z[5, 6]
–5–6–7
ns
tLZCE
CE LOW to low Z[5]
3–3–3–
ns
tHZCE
CE HIGH to high Z[5, 6]
–5–6–7
ns
tPU[7]
CE LOW to power-up
0–0–0–
ns
tPD[7]
CE HIGH to power-down
10
12
15
ns
tDBE
Byte enable to data valid
–5–6–7
ns
tLZBE
Byte enable to low Z
0–0–0–
ns
tHZBE
Byte disable to high Z
–5–6–7
ns
Write Cycle[8]
tWC
Write cycle time
10
12
15
ns
tSCE
CE LOW to write end
8–9–
10
ns
tAW
Address set-up to write end
7–8–
10
ns
tHA
Address hold from write end
0–0–0–
ns
tSA
Address set-up to write start
0–0–0–
ns
tPWE
WE pulse width
7–8–
10
ns
tSD
Data set-up to write end
5–6–8–
ns
tHD
Data hold from write end
0–0–0–
ns
tLZWE
WE HIGH to low Z[5]
3–3–3–
ns
tHZWE
WE LOW to high Z[5, 6]
–5–6–7
ns
tBW
Byte enable to end of write
7–8–9–
ns
Notes
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V.
5. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
6. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (c) of AC Test Loads. Transition is measured 500 mV from steady-state voltage.
7. This parameter is guaranteed by design and is not tested.
8. The internal Write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE/BLE LOW. CE, WE and BHE/BLE must be LOW to initiate a Write, and
the transition of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write.
90%
10%
3.0 V
GND
90%
10%
ALL INPUT PULSES
3.3 V
OUTPUT
30 pF
R 317
R2
351
Rise Time: 1 V/ns
Fall Time: 1 V/ns
(b)
(a)
3.3 V
OUTPUT
5 pF
(c)
R 317
R2
351
High Z characteristics:
[+] Feedback


Similar Part No. - CY7C1020CV33_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33-10ZC CYPRESS-CY7C1020CV33-10ZC Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV33-10ZC CYPRESS-CY7C1020CV33-10ZC Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
CY7C1020CV33-10ZI CYPRESS-CY7C1020CV33-10ZI Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV33-10ZXC CYPRESS-CY7C1020CV33-10ZXC Datasheet
265Kb / 9P
   512K (32K x 16) Static RAM
More results

Similar Description - CY7C1020CV33_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com