Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75395E Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC75395E
Description  Single-Chip Electronic Volume Control System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75395E Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75395E Datasheet HTML 5Page - Sanyo Semicon Device LC75395E Datasheet HTML 6Page - Sanyo Semicon Device LC75395E Datasheet HTML 7Page - Sanyo Semicon Device LC75395E Datasheet HTML 8Page - Sanyo Semicon Device LC75395E Datasheet HTML 9Page - Sanyo Semicon Device LC75395E Datasheet HTML 10Page - Sanyo Semicon Device LC75395E Datasheet HTML 11Page - Sanyo Semicon Device LC75395E Datasheet HTML 12Page - Sanyo Semicon Device LC75395E Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Continued from preceding page.
No. 5056-9/17
LC75395E
Pin No.
Symbol
Function
Note
56
63
50
15
34
62
51
61
52
60
53
58
55
25
24
23
18
20
29
31
54
59
Vref
LVref
RVref
LINVIN1
RINVIN1
LINVIN2
RINVIN2
LTOUT
RTOUT
LVRIN
RVRIN
LVROUT
RVROUT
CE
DI
CL
NC
NC
NC
NC
NC
NC
VDD/2 voltage generation block. A capacitor must be
inserted between Vref and VSS to suppress power supply
ripple.
Common pins for the volume control, tone control and
input switching blocks. Since capacitors inserted between
LVref (or RVref) and VSS become the residual resistance
when the volume control is set at maximum attenuation,
the values of these capacitors must be chosen carefully.
A voltage higher than VDD must never be applied.
Inverting inputs for the operational amplifiers that set the
input gain.
Inverting inputs for the graphic equalizer operational
amplifiers. Unnecessary frequency bands can be
excluded and oscillation prevented by inserting arbitrary
capacitors between the INVIN2 and TOUT pins.
Tone control outputs
Volume control inputs
These must be driven by low-impedance circuits.
Volume control outputs
Chip enable
Data is read into the internal latches and the analog
switches operate when this pin goes from high to low.
Data transfer is enabled when this pin is high.
Serial data and clock connections for chip control
Unused pins
A04449
A03555
A03556
A03557
A03558
A03559
A03560
A03561


Similar Part No. - LC75395E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75391M SANYO-LC75391M Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75392M SANYO-LC75392M Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75394 SANYO-LC75394 Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
More results

Similar Description - LC75395E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75347E SANYO-LC75347E Datasheet
602Kb / 17P
   Six-Channel Single-Chip Electronic Volume Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com