Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65630-56LFXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C65630-56LFXC
Description  EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65630-56LFXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C65630-56LFXC Datasheet HTML 6Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 7Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 8Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 9Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 10Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 11Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 12Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 13Page - Cypress Semiconductor CY7C65630-56LFXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CY7C656xx
Document Number: 38-08037 Rev. *S
Page 10 of 28
Default Descriptors
This section presents the different descriptors that are available. The following tables list the functionality of each descriptor.
Device Descriptor
The standard device descriptor for CY7C656xx is based on the information found in the SPI EEPROM. The information in the
EEPROM overrides the default descriptor values. If no EEPROM is used, the CY7C656xx enumerates with the default descriptor
values as shown in the following table. If a blank EEPROM is connected, the hub enumerates as vendor defined class instead of a
hub class. This is for the purpose of programming the EEPROM with the Cypress driver.
Configuration Descriptor
Byte
Full Speed
High Speed
Field Name
Description
0
0x12
0x12
bLength
18 bytes
1
0x01
0x01
bDescriptorType
DEVICE_DESCRIPTOR
2,3
0x0110
0x0200
bcdUSB
USB specification 2.0 (1.1 if forced FS)
4
0x09
0x09
bDeviceClass
HUB
5
0x00
0x00
bDeviceSubClass
None
6
0x00
0x01
bDeviceProtocol
None
7
0x40
0x40
bMaxPacketSize0
64 bytes
8,9
0x04B4
0x04B4
wIdVendor
VID (overridden by what is defined in EEPROM)
10,11
0x6560
0x6560
wIdProduct
PID (overridden by what is defined in EEPROM)
12, 13
0x0915
0x0915
wbcdDevice
DID (overridden by what is defined in EEPROM)
14
0x00
0x00
iManufacturer
Overridden by EEPROM
15
0x00
0x00
iProduct
Overridden by EEPROM
16
0x00
0x00
iSerialNumber
Overridden by EEPROM
17
0x01
0x01
bNumConfigurations
One configuration supported
Byte
Full Speed
High Speed
Field Name
Description
0
0x09
0x09
bLength
9 bytes
1
0x02[4]/0x07[5]
0x02[4]/0x07[5] bDescriptorType
CONFIG_DESCRIPTOR
2
0x0019
0x0019
wTotalLength
Length of all other descriptors
4
0x01
0x01
bNumInterfaces
1
5
0x01
0x01
bConfigurationValue
The configuration to use
6
0x00
0x00
iConfiguration
7
0xA0
0xE0
0xA0
0xE0
bmAttributes
Value depends on pin 45 - SELFPWR signal
SELFPWR = 0 yields 0xA0 and =1 yields 0xE0
8
0x28
0x57[4]
bMaxPower
Notes
4. Configured speed descriptor.
5. Other speed descriptor.
[+] Feedback


Similar Part No. - CY7C65630-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65630-56LFXC CYPRESS-CY7C65630-56LFXC Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C65630-56LFXC CYPRESS-CY7C65630-56LFXC Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65630-56LFXC CYPRESS-CY7C65630-56LFXC Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65630-56LFXC CYPRESS-CY7C65630-56LFXC Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65630-56LFXCT CYPRESS-CY7C65630-56LFXCT Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65630-56LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com