Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199N Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C199N
Description  32 K x 8 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199N Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C199N_10 Datasheet HTML 1Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 2Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 3Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 4Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 5Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 6Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 7Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 8Page - Cypress Semiconductor CY7C199N_10 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CY7C199N
32 K × 8 Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-06493 Rev. *B
Revised December 13, 2010
Features
High speed
— 15 ns
Fast tDOE
CMOS for optimum speed/power
Low active power
— 550 mW (max, 15 ns “L” version)
Low standby power
— 0.275 mW (max, “L” version)
2V data retention (“L” version only)
Easy memory expansion with CE and OE features
TTL-compatible inputs and outputs
Automatic power-down when deselected
Functional Description
The CY7C199N is a high-performance CMOS static RAM
organized as 32,768 words by 8 bits. Easy memory expansion
is provided by an active LOW Chip Enable (CE) and active
LOW Output Enable (OE) and three-state drivers. This device
has an automatic power-down feature, reducing the power
consumption by 81% when deselected. The CY7C199NN is in
the standard 300-mil-wide DIP, SOJ, and LCC packages.
An active LOW Write Enable signal (WE) controls the
writing/reading operation of the memory. When CE and WE
inputs are both LOW, data on the eight data input/output pins
(I/O0 through I/O7) is written into the memory location
addressed by the address present on the address pins (A0
through A14). Reading the device is accomplished by selecting
the device and enabling the outputs, CE and OE active LOW,
while WE remains inactive or HIGH. Under these conditions,
the contents of the location addressed by the information on
address pins are present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and Write Enable
(WE) is HIGH. A die coat is used to improve alpha immunity.
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
1024 x 32 x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A9
A0
Logic Block Diagram
[+] Feedback


Similar Part No. - CY7C199N_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199N-12ZXC CYPRESS-CY7C199N-12ZXC Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199N-15ZXC CYPRESS-CY7C199N-15ZXC Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N_11 Datasheet
435Kb / 14P
   32 K 횞 8 Static RAM Automatic power-down when deselected
More results

Similar Description - CY7C199N_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_11 Datasheet
399Kb / 18P
   256 K (32 K x 8) Static RAM 2.0 V data retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com