Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C107D Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C107D
Description  1-Mbit (1M x 1) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C107D Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C107D_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C107D_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CY7C107D
CY7C1007D
Document #: 38-05469 Rev. *G
Page 5 of 11
Switching Characteristics (Over the Operating Range) [6]
Parameter
Description
7C107D-10
7C1007D-10
Unit
Min
Max
Read Cycle
tpower [7]
VCC(typical) to the first access
100
s
tRC
Read Cycle Time
10
ns
tAA
Address to Data Valid
10
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
10
ns
tLZCE
CE LOW to Low Z [8]
3ns
tHZCE
CE HIGH to High Z [8, 9]
5ns
tPU [10]
CE LOW to Power-Up
0
ns
tPD [10]
CE HIGH to Power-Down
10
ns
Write Cycle [11]
tWC
Write Cycle Time
10
ns
tSCE
CE LOW to Write End
7
ns
tAW
Address Set-Up to Write End
7
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
7
ns
tSD
Data Set-Up to Write End
6
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low Z [8]
3ns
tHZWE
WE LOW to High Z [8, 9]
6ns
Notes
6. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
7. tPOWER gives the minimum amount of time that the power supply should be at typical VCC values until the first memory access can be performed.
8. At any given temperature and voltage condition, tHZCE is less than tLZCE and tHZWE is less than tLZWE for any given device.
9. tHZCE and tHZWE are specified with a load capacitance of 5 pF as in part (c) of “AC Test Loads and Waveforms [5]” on page 4. Transition is measured when the outputs enter a
high impedance state.
10. This parameter is guaranteed by design and is not tested.
11. The internal write time of the memory is defined by the overlap of CE LOW and WE LOW. CE and WE must be LOW to initiate a write, and the transition of any of these
signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
[+] Feedback


Similar Part No. - CY7C107D_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107D_1104 CYPRESS-CY7C107D_1104 Datasheet
835Kb / 14P
   1-Mbit (1M x 1) Static RAM Low active power
More results

Similar Description - CY7C107D_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C107D CYPRESS-CY7C107D_09 Datasheet
859Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D CYPRESS-CY7C107D Datasheet
872Kb / 10P
   1-Mbit (1M x 1) Static RAM
CY7C107D_1104 CYPRESS-CY7C107D_1104 Datasheet
835Kb / 14P
   1-Mbit (1M x 1) Static RAM Low active power
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com