Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2DL1510AZC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2DL1510AZC
Description  1:10 Differential LVDS Fanout Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DL1510AZC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2DL1510AZC Datasheet HTML 1Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 2Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 3Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 4Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 5Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 6Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 7Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 8Page - Cypress Semiconductor CY2DL1510AZC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY2DL1510
Document Number: 001-54863 Rev. *H
Page 5 of 15
DC Electrical Specifications
(VDD = 3.3 V ± 5% or 2.5 V ± 5%; TA = 0 °C to 70 °C (Commercial) or –40 °C to 85 °C (Industrial))
Parameter
Description
Condition
Min
Max
Unit
IDD
Operating supply current
All LVDS outputs terminated with 100
Ω
load[3, 4]
125
mA
VIH1
Input high Voltage, LVDS input clocks,
IN and IN#
–VDD + 0.3
V
VIL1
Input low voltage, LVDS input clocks,
IN and IN#
–0.3
V
VIH2
Input high voltage, CLK_EN
VDD = 3.3 V
2.0
VDD + 0.3
V
VIL2
Input low voltage, CLK_EN
VDD = 3.3 V
–0.3
0.8
V
VIH3
Input high voltage, CLK_EN
VDD = 2.5 V
1.7
VDD + 0.3
V
VIL3
Input low voltage, CLK_EN
VDD = 2.5 V
–0.3
0.7
V
VID
[5]
Input differential amplitude
See Figure 3 on page 7
0.4
0.8
V
VICM
Input common mode voltage
See Figure 3 on page 7
0.5
VDD – 0.2
V
IIH
Input high current, All inputs
Input = VDD
[6]
150
μA
IIL
Input low current, All inputs
Input = VSS
[6]
–150
μA
VPP
LVDS differential output voltage peak to
peak, single-ended
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between Q and Q# pairs
[3, 7]
250
470
mV
ΔV
OCM
Change in VOCM between complementary
output states
VDD = 3.3 V or 2.5 V,
RTERM = 100 Ω between Q and Q# pairs
[3, 7]
–50
mV
VBB
Output reference voltage
0 to 150
μA output current
1.125
1.375
V
RTERM
On-chip differential input termination
resistor
80
120
Ω
RP
Internal pull-up resistance,
LVCMOS logic input
CLK_EN pin
60
140
k
Ω
CIN
Input capacitance
Measured at 10 MHz per pin
3
pF
Notes
3. Refer to Figure 2 on page 7.
4. IDD includes current that is dissipated externally in the output termination resistors.
5. VID minimum of 400 mV is required to meet all output AC Electrical Specifications. The device is functional with VID minimum of greater than 200 mV.
6. Positive current flows into the input pin, negative current flows out of the input pin.
7. Refer to Figure 4 on page 7.
[+] Feedback


Similar Part No. - CY2DL1510AZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZC CYPRESS-CY2DL15110AZC Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZCT CYPRESS-CY2DL15110AZCT Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZI CYPRESS-CY2DL15110AZI Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL15110AZIT CYPRESS-CY2DL15110AZIT Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
More results

Similar Description - CY2DL1510AZC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Cypress Semiconductor
CY2DL15110 CYPRESS-CY2DL15110 Datasheet
430Kb / 13P
   1:10 Differential LVDS Fanout Buffer with Selectable Clock Input
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851010 RENESAS-851010 Datasheet
303Kb / 16P
   1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
logo
Integrated Device Techn...
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
   1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
   1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
   Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S_16 Datasheet
249Kb / 11P
   1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
logo
Cypress Semiconductor
CY2PP3220 CYPRESS-CY2PP3220 Datasheet
190Kb / 9P
   Dual 1:10 Differential Clock / Data Fanout Buffer
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com