Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LC75386NE Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LC75386NE
Description  Electronic Volume and Tone Control for Car Stereo Systems
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC75386NE Datasheet(HTML) 4 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
No. 5937-4/20
LC75386NE
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
11
V
Maximum input voltage
VIN max
All input pins
VSS – 0.3 to VDD + 0.3
V
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–50 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
6.0
10.5
V
High-level input voltage
VIH
CL, DI, CE
4.0
VDD
V
Low-level input voltage
VIL
CL, DI, CE
VSS
1.0
V
Input amplitude
VIN
VSS
VDD
Vp-p
Input pulse width
TøW
CL
1
µs
Setup time
Tsetup
CL, DI, CE
1
µs
Hold time
Thold
CL, DI, CE
1
µs
Operating frequency
fopg
CL
500
kHz
Allowable Operating Ranges at Ta = 25°C, VSS = 0 V
Parameter
Symbol
Applicable pins
Conditions
Ratings
Unit
min
typ
max
Input resistance
Rin
L1 to L4, L6, R1 to R4, R6
35
50
65
k
Minimum input gain
Ginmin
L1 to L4, L6, R1 to R4, R6
–1
0
+1
dB
Maximum input gain
Ginmax
+16.5
+18.75
+21
dB
Inter-step setting error
ATerr
±0.6
dB
Left/right balance
BAL
±0.5
dB
Electrical Characteristics at Ta = 25°C, VDD = 9 V, VSS = 0 V
Input Block
Parameter
Symbol
Applicable pins
Conditions
Ratings
Unit
min
typ
max
Input resistance
Rvr
LVRIN, RVRIN, Loudness off
158
226
294
k
Inter-step setting error
ATerr
±0.5
dB
Left/right balance
BAL
±0.5
dB
Volume Control Block
Parameter
Symbol
Applicable pins
Conditions
Ratings
Unit
min
typ
max
Inter-step setting error
ATerr
±1.0
dB
Bass control range
Gbass
max. boost/cut
±9
±12
±15
dB
Treble control range
Gtre
max. boost/cut
±9
±12
±15
dB
Left/right balance
BAL
±0.5
dB
Tone Control Block


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn