Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX53XA Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # MCIMX53XA
Description  i.MX53xA Automotive and Infotainment Applications Processors
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX53XA Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button MCIMX53XA Datasheet HTML 51Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 52Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 53Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 54Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 55Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 56Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 57Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 58Page - Freescale Semiconductor, Inc MCIMX53XA Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 180 page
background image
Electrical Characteristics
i.MX53xA Automotive and Infotainment Applications Processors, Rev. 1
Freescale Semiconductor
55
4.6.6.4
Examples of EIM Synchronous Accesses
Figure 18 to Figure 21 provide few examples of basic EIM accesses to external memory devices with the
timing parameters mentioned previously for specific control parameters settings.
Figure 18. Synchronous Memory Read Access, WSC=1
1 t is the maximal EIM logic (axi_clk) cycle time. The maximum allowed axi_clk frequency is 133 MHz, whereas the maximum
allowed BCLK frequency is 104 MHz. As a result, if BCD = 0, axi_clk must be
104 MHz. If BCD = 1, then 133 MHz is
allowed for axi_clk, resulting in a BCLK of 66.5 MHz. When the clock branch to EIM is decreased to 104 MHz, other busses
are impacted which are clocked from this source. See the CCM chapter of the i.MX53 Reference Manual for a detailed clock
tree description.
2 BCLK parameters are being measured from the 50% point, that is, high is defined as 50% of signal value and low is defined
as 50% as signal value.
3 For signal measurements “High” is defined as 80% of signal value and “Low” is defined as 20% of signal value.
Last Valid Address
Address v1
D(v1)
BCLK
ADDR
DATA
WE_B
ADV_B
OE_B
BEy_B
CSx_B
WE4
WE5
WE6
WE7
WE10
WE11
WE13
WE12
WE14
WE15
WE18
WE19


Similar Part No. - MCIMX53XA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX53XC NXP-MCIMX53XC Datasheet
1Mb / 175P
   i.MX53 Applications Processors for Industrial Products
Rev. 8, 02/2021
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
MCIMX53XD NXP-MCIMX53XD Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
More results

Similar Description - MCIMX53XA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX53AEC NXP-IMX53AEC Datasheet
1Mb / 184P
   i.MX53xA Automotive and Infotainment Applications Processors
Rev. 8, 02/2021
logo
Freescale Semiconductor...
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
   Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX51AEC NXP-IMX51AEC Datasheet
3Mb / 175P
   i.MX51A Automotive and Infotainment Applications Processors
Rev. 6, 10/2012
logo
Freescale Semiconductor...
IMX51A FREESCALE-IMX51A_10 Datasheet
2Mb / 172P
   i.MX51A Automotive and Infotainment Applications Processors
IMX51A FREESCALE-IMX51A Datasheet
1Mb / 160P
   i.MX51A Automotive and Infotainment Applications Processors
IMX51AEC FREESCALE-IMX51AEC Datasheet
3Mb / 175P
   i.MX51A Automotive and infotainment applications processors
logo
NXP Semiconductors
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com