Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC75374E Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LC75374E
Description  Electronic Volume and Tone Control for Car Stereos
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

LC75374E Datasheet(HTML) 5 Page - Sanyo Semicon Device

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Control System Timing and Data Format
Applications must input the stipulated serial data to the CE, CL, and DI pins to control the LC75374E. The data consists
of a total of 52 bits, of which 8 bits are address and 44 bits are data.
Note: Bits D36 to D38 and bits D40 to D43 are IC test
data. Applications must set all these bits to 0.
No. 5835-5/17
LC75374E
Address code
Fader step control
Bass control
1dB step control
Fader rear/front
control
Input switching control
Input muting
control
Channel selection
Super bass/super treble control
Treble control
4dB step control
Input gain control
Output gain control
Rear
Front
Initial setting
Lch
Rch
Left and right at
the same time


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn