Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K40P144M100SF2 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # K40P144M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K40P144M100SF2 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button K40P144M100SF2_11 Datasheet HTML 42Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 43Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 44Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 45Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 46Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 47Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 48Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 49Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 75 page
background image
Table 27. 16-bit ADC with PGA characteristics (continued)
Symbol
Description
Conditions
Min.
Typ.1
Max.
Unit
Notes
CMRR
Common mode
rejection ratio
• Gain=1
• Gain=64
TBD
TBD
TBD
TBD
dB
dB
VCM=
500mVpp,
fVCM= 50Hz,
100Hz
VOFS
Input offset
voltage
0.2
TBD
mV
Gain=1, ADC
Averaging=32
TGSW
Gain switching
settling time
10
µs
5
dG/dT
Gain drift over
temperature
• Gain=1
• Gain=64
TBD
TBD
TBD
TBD
ppm/°C
ppm/°C
0 to 50°C
dVOFS/dT Offset drift over
temperature
Gain=1
TBD
TBD
ppm/°C 0 to 50°C, ADC
Averaging=32
dG/dVDDA Gain drift over
supply voltage
• Gain=1
• Gain=64
TBD
TBD
TBD
TBD
%/V
%/V
VDDA from 1.71
to 3.6V
EIL
Input leakage
error
All modes
IIn × RAS
mV
IIn = leakage
current
(refer to the
MCU's voltage
and current
operating
ratings)
VPP,DIFF
Maximum
differential input
signal swing
where VX = VREFPGA × 0.583
V
6
SNR
Signal-to-noise
ratio
• Gain=1
• Gain=64
TBD
TBD
83.0
57.5
dB
dB
16-bit
differential
mode,
Average=32
THD
Total harmonic
distortion
• Gain=1
• Gain=64
TBD
TBD
89.4
90.0
dB
dB
16-bit
differential
mode,
Average=32,
fin=500Hz
SFDR
Spurious free
dynamic range
• Gain=1
• Gain=64
TBD
TBD
90.9
77.0
dB
dB
16-bit
differential
mode,
Average=32,
fin=500Hz
Table continues on the next page...
Peripheral operating requirements and behaviors
K40 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
46
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - K40P144M100SF2_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P144M100SF2_1109 FREESCALE-K40P144M100SF2_1109 Datasheet
1Mb / 78P
   K40 Sub-Family Data Sheet
More results

Similar Description - K40P144M100SF2_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P144M100SF2 FREESCALE-K20P144M100SF2_11 Datasheet
1Mb / 74P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P100M100SF2 FREESCALE-K50P100M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P81M100SF2 FREESCALE-K20P81M100SF2_11 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com