Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K40P144M100SF2 Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # K40P144M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K40P144M100SF2 Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button K40P144M100SF2_11 Datasheet HTML 38Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 39Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 40Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 41Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 42Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 43Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 44Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 45Page - Freescale Semiconductor, Inc K40P144M100SF2_11 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 75 page
background image
RAS
VAS
CAS
ZAS
VADIN
ZADIN
RADIN
RADIN
RADIN
RADIN
CADIN
Pad
leakage
due to
input
protection
INPUT PIN
INPUT PIN
INPUT PIN
INPUT PIN
SIMPLIFIED
INPUT PIN EQUIVALENT
CIRCUIT
SIMPLIFIED
CHANNEL SELECT
CIRCUIT
ADC SAR
ENGINE
Figure 13. ADC input impedance equivalency diagram
6.6.1.2 16-bit ADC electrical characteristics
Table 25. 16-bit ADC characteristics (VREFH = VDDA, VREFL = VSSA)
Symbol
Description
Conditions1
Min.
Typ.2
Max.
Unit
Notes
IDDA
Supply current
0.215
1.7
mA
3
fADACK
ADC
asynchronous
clock source
• ADLPC=1, ADHSC=0
• ADLPC=1, ADHSC=1
• ADLPC=0, ADHSC=0
• ADLPC=0, ADHSC=1
2.4
4.0
5.2
6.2
MHz
MHz
MHz
MHz
tADACK = 1/
fADACK
Sample Time
See Reference Manual chapter for sample times
Conversion Time The ADC calculator tool can be used to determine ADC conversion times for different ADC
configurations: http://cache.freescale.com/files/soft_dev_tools/software/app_software/
converters/ADC_CALCULATOR_CNV.zip?fpsp=1
TUE
Total unadjusted
error
• ≤13 bit modes
• <12 bit modes
±0.8
±0.5
±TBD
±1
LSB4
ADC
conversion
clock
<12MHz,
Max
hardware
averaging
(AVGE =
%1, AVGS
= %11)
Table continues on the next page...
Peripheral operating requirements and behaviors
K40 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
42
Preliminary
Freescale Semiconductor, Inc.


Similar Part No. - K40P144M100SF2_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K40P144M100SF2_1109 FREESCALE-K40P144M100SF2_1109 Datasheet
1Mb / 78P
   K40 Sub-Family Data Sheet
More results

Similar Description - K40P144M100SF2_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K51P121M100SF2 FREESCALE-K51P121M100SF2 Datasheet
1Mb / 70P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P100M100SF2 FREESCALE-K20P100M100SF2 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K30P121M100SF2 FREESCALE-K30P121M100SF2 Datasheet
1Mb / 61P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P121M100SF2 FREESCALE-K50P121M100SF2 Datasheet
1Mb / 69P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P144M100SF2 FREESCALE-K50P144M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K10P121M100SF2 FREESCALE-K10P121M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K40P100M100SF2 FREESCALE-K40P100M100SF2 Datasheet
1Mb / 63P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P144M100SF2 FREESCALE-K20P144M100SF2_11 Datasheet
1Mb / 74P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K50P100M100SF2 FREESCALE-K50P100M100SF2 Datasheet
1Mb / 73P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
K20P81M100SF2 FREESCALE-K20P81M100SF2_11 Datasheet
1Mb / 65P
   Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com