Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4S4T30 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT4S4T30
Description  Relay package consisting of RT relay, DIN-rail socket, plastic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT4S4T30 Datasheet(HTML) 3 Page - Tyco Electronics

  RT4S4T30 Datasheet HTML 1Page - Tyco Electronics RT4S4T30 Datasheet HTML 2Page - Tyco Electronics RT4S4T30 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Relay Package RT (Continued)
Product key
RT
S
Type
Version
3S Relay set: RT 1-pole CO, 16 A, red LED
4S Relay set: RT 2-pole CO, 8 A, red LED
Contact material
4
AgNi 90/10, CO contact
5
AgNi 90/10 gold plated, CO contact
Coil
LC4
24 VDC
R24
24 VAC
S15
115 VAC
T30
230 VAC
Other types on request
Product key
Socket
Retainer
Marking tag
Module
Relay
Coil
Part number
RT3S4LC4
RT78726
RT17016
RT17040
PTML0024
RT314024
24 VDC
4-1415073-1
RT3S4R24
PTML0524
RT314524
24 VAC
5-1415073-1
RT3S4S15
PTML0730
RT314615
115 VAC
5-1415528-1
RT3S4T30
PTML0730
RT314730
230 VAC
6-1415073-1
RT3S5LC4
PTML0024
RT315024
24 VDC
7-1415073-1
RT3S5R24
PTML0524
RT315524
24 VAC
8-1415073-1
RT3S5T30
PTML0730
RT315730
230 VAC
9-1415073-1
RT4S4LC4
PTML0024
RT424024
24 VDC
1-1415073-1
RT4S4R24
PTML0524
RT424524
24 VAC
2-1415073-1
RT4S4T30
PTML0730
RT424730
230 VAC
3-1415073-1
RT4S5LC4
PTML0024
RT425024
24 VDC
0-1415074-1
RT4S5R24
PTML0524
RT425524
24 VAC
1-1415074-1
RT4S5T30
PTML0730
RT425730
230 VAC
2-1415074-1
For replacement use identical components according to table only!


Similar Part No. - RT4S4T30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT4S ETC2-RT4S Datasheet
104Kb / 1P
   REMOVAL TOOL
More results

Similar Description - RT4S4T30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT2S7LB2 MACOM-PT2S7LB2 Datasheet
315Kb / 3P
   Relay package consisting of PT relay, DIN-rail socket, plastic
ST3P2LC4 MACOM-ST3P2LC4 Datasheet
138Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
TE Connectivity Ltd
SNR TEC-SNR_14 Datasheet
368Kb / 2P
   Relay package consisting of DIN-rail socket and relay
logo
Tyco Electronics
2-1415074-1 MACOM-2-1415074-1 Datasheet
237Kb / 3P
   Relay Package RT
logo
List of Unclassifed Man...
2967086 ETC2-2967086 Datasheet
140Kb / 8P
   PLC relay, consisting of base terminal block PLCBSC
logo
Tyco Electronics
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
   Interface Power Relay RT
SR6Z MACOM-SR6Z Datasheet
163Kb / 2P
   Safety Relay on DIN-rail SR6Z
logo
Willow Technologies Ltd
SERIESDX WILLOW-SERIESDX Datasheet
192Kb / 2P
   DIN Rail Relay AC/DC Control
logo
Tyco Electronics
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
   Interface Power Relay RT
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com