Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBH14022 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PBH14022
Description  Miniature Power PCB Relay PBH 105째C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PBH14022 Datasheet(HTML) 1 Page - Tyco Electronics

  PBH14022 Datasheet HTML 1Page - Tyco Electronics PBH14022 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
1
Miniature Power PCB Relay PBH 105°C
I 1pole 6 A, 1 CO or 1 NO contact
I Environmentally-friendly cadmium-free contacts
I Class F coil system standard
I For ambient temperatures up to 105°C
I Product in accordance to IEC60335-1
I RoHS compliant (Directive 2002/95/EC)
as per product date code 0346
Applications
White goods, domestic appliances
F0224BB
Approvals
V REG.-Nr. 121560, Z E214025
Technical data of approved types on request
Contact data
Contact configuration
1 CO or 1 NO contact
Contact set
single contact
Type of interruption
micro disconnection
Rated current
6 A
Rated voltage / max.switching voltage AC
240/400 VAC
Maximum breaking capacity AC
1500 VA
Limiting making capacity, max 4 s, duty factor 10%
10 A
Contact material
AgNi 90/10
Mechanical endurance
2x106 cycles
Rated frequency of operation with / without load
6/600 min-1
Contact ratings
Type
Load
Cycles
NO
2 A, 250 VAC, 105°C, resistive, 50Hz, EN61810
250x103
NO
5 A, 250 VAC, 105°C, resistive, 50Hz, EN61810
150x103
CO
6 A, 250 VAC, 105°C, resistive, 50Hz, EN61810
100x103
Coil data
Rated coil voltage range DC coil
5...36 VDC
Coil power DC coil
typ. 360 mW
Operative voltage range, % of rated coil voltage
90...100%
Non-release voltage, % of rated coil voltage
50%
Coil versions, DC-coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ohm
mW
005
5
3.75
0.5
70+10%
357
006
6
4.5
0.6
100+10%
360
009
9
6.75
0.9
225+10%
360
012
12
9.0
1.2
400+10%
360
018
18
13.5
1.8
900+10%
360
022
22
16.5
2.2
1344+10%
360
024
24
18.0
2.4
1600+10%
360
048
48
36
4.8
6400+10%
360
All figures are given for coil without preenergization, at ambient temperature +23°C
Other coil voltages on request


Similar Part No. - PBH14022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PBH14022 MACOM-PBH14022 Datasheet
238Kb / 3P
   Miniature Power PCB Relay
More results

Similar Description - PBH14022

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RTH14012 MACOM-RTH14012 Datasheet
137Kb / 2P
   Power PCB Relay RTH 105째C 16A
logo
TE Connectivity Ltd
RZH TEC-RZH Datasheet
273Kb / 2P
   Power PCB Relay RZH 105째C 16A
logo
Tyco Electronics
T7N MACOM-T7N Datasheet
157Kb / 3P
   Miniature Power PCB Relay
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
   Miniature PCB Power Relay
logo
Tyco Electronics
PCH MACOM-PCH Datasheet
127Kb / 3P
   Miniature Power PCB Relay
logo
Picker Components
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
   Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
   miniature pcb power relay
logo
DB Lectro Inc
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
   Miniature PCB Power Relay
logo
American Electronic Com...
DX85-INRUSH AEC-DX85-INRUSH Datasheet
214Kb / 2P
   miniature pcb power relay
logo
Willow Technologies Ltd
DG6D WILLOW-DG6D Datasheet
203Kb / 2P
   miniature pcb power relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com