Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75342M Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC75342M
Description  Single-Chip Volume and Tone Control System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75342M Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC75342M Datasheet HTML 5Page - Sanyo Semicon Device LC75342M Datasheet HTML 6Page - Sanyo Semicon Device LC75342M Datasheet HTML 7Page - Sanyo Semicon Device LC75342M Datasheet HTML 8Page - Sanyo Semicon Device LC75342M Datasheet HTML 9Page - Sanyo Semicon Device LC75342M Datasheet HTML 10Page - Sanyo Semicon Device LC75342M Datasheet HTML 11Page - Sanyo Semicon Device LC75342M Datasheet HTML 12Page - Sanyo Semicon Device LC75342M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
No. 6271-9/20
LC75342, 75342M
Bass Control
D20
D21
D22
D23
D24
D25
Operation
0
1
0
1
0
0
+20 dB
1
0
0
1
0
0
+18 dB
0
0
0
1
0
0
+16 dB
1
1
1
0
0
0
+14 dB
0
1
1
0
0
0
+12 dB
1
0
1
0
0
0
+10 dB
001000
+8 dB
110000
+6 dB
010000
+4 dB
101000
+2 dB
000000
0 dB
100010
–2 dB
010010
–4 dB
110010
–6 dB
001010
–8 dB
1
0
1
0
1
0
–10 dB
0
1
1
0
1
0
–12 dB
1
1
1
0
1
0
–14 dB
0
0
0
1
1
0
–16 dB
1
0
0
1
1
0
–18 dB
0
1
0
1
1
0
–20 dB
Channel Selection
D26
D27
Operation
00
1
0
RCH
0
1
LCH
1
1
Left and right together
Test Mode
D28
D29
D30
D31
Operation
0000
These bits are used for IC testing and must all be set to 0
during normal operation.


Similar Part No. - LC75342M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75344M SANYO-LC75344M Datasheet
529Kb / 11P
   2 CHANNEL VOLUME SYSTEM
More results

Similar Description - LC75342M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com