Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC7527E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC7527E
Description  Graphic Equalizer System
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7527E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC7527E Datasheet HTML 1Page - Sanyo Semicon Device LC7527E Datasheet HTML 2Page - Sanyo Semicon Device LC7527E Datasheet HTML 3Page - Sanyo Semicon Device LC7527E Datasheet HTML 4Page - Sanyo Semicon Device LC7527E Datasheet HTML 5Page - Sanyo Semicon Device LC7527E Datasheet HTML 6Page - Sanyo Semicon Device LC7527E Datasheet HTML 7Page - Sanyo Semicon Device LC7527E Datasheet HTML 8Page - Sanyo Semicon Device LC7527E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overview
The LC7527E is a microprocessor controllable seven-band
graphic equalizer LSI that does not require the use of
external semiconductor inductors (simulated inductors).
Functions
• Left and right channel seven-band graphic equalizers
• Each band operates in ±2 dB steps.
• Each band has a maximum boost of +12 dB and a
maximum cut of –12 dB for a total of 13 settings.
• Independent left and right channel operation
• Serial data input supports CCB format communications
with the system controller.
• CMOS LSI with a 12 V breakdown voltage
Features
• This LSI, in conjunction with a control microprocessor,
can implement in two chips, an electronic graphic
equalizer with the following features.
— One touch gain control for each band
— One touch memory setting recall allows users to
select desired frequency characteristics for each
track.
— Since the LC7527E includes band filter amplifiers
on chip, capacitors are the only external components
required in application systems.
— Minimal switching noise due to the use of a Silicon
gate CMOS process.
Package Dimensions
unit: mm
3159-QFP64E
CMOS LSI
O3096HA(OT)/90894TH (OT) 4466-1/11
SANYO: QFP64E
[LC7527E]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Graphic Equalizer System
LC7527E
Ordering number : EN4466B
• CCB is a trademark of SANYO ELECTRIC CO., LTD.
• CCB is SANYO’s original bus format and all the bus
addresses are controlled by SANYO.


Similar Part No. - LC7527E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7520 SANYO-LC7520 Datasheet
244Kb / 2P
   GRAPHIC EQUALIZER VOLUME CONTROLLER FOR HOME STEREO, MUSIC CENTER USE
LC7522 SANYO-LC7522 Datasheet
329Kb / 5P
   ELECTORONIC VOLUME CONTROL FOR GRAPHIC EQUALIZER
LC75281 SANYO-LC75281 Datasheet
176Kb / 10P
   Parametric Equalizer System
LC75281E SANYO-LC75281E Datasheet
176Kb / 10P
   Parametric Equalizer System
More results

Similar Description - LC7527E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
   GRAPHIC EQUALIZER
logo
Toshiba Semiconductor
TA2062F TOSHIBA-TA2062F Datasheet
290Kb / 7P
   5 BAND GRAPHIC EQUALIZER
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
   5-channel graphic equalizer
logo
rfsolutions.ltd
SG4 RFSOLUTIONS-SG4 Datasheet
694Kb / 2P
   10 Band Graphic Equalizer
logo
Sanyo Semicon Device
LA3607 SANYO-LA3607 Datasheet
194Kb / 6P
   7-Band Graphic Equalizer?
logo
Sanken electric
STK6328A SANKEN-STK6328A Datasheet
135Kb / 1P
   2-CHANNEL GRAPHIC EQUALIZER
logo
Mixed Signal Integratio...
MSGEQ7 MSI-MSGEQ7 Datasheet
187Kb / 4P
   Seven Band Graphic Equalizer
logo
Toshiba Semiconductor
TA7796P TOSHIBA-TA7796P Datasheet
338Kb / 8P
   5 BAND GRAPHIC EQUALIZER
logo
Sanyo Semicon Device
LA3600 SANYO-LA3600 Datasheet
169Kb / 6P
   5-Band Graphic Equalizer
LA3605 SANYO-LA3605 Datasheet
272Kb / 6P
   7 BAND GRAPHIC EQUALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com