Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3471 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3471
Description  Switching Regulator and DC-DC Converter Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3471 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3471_10 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3471_10 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3471_10 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3471
2010-04-13
2
Marking
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate-source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut-OFF current
IDSS
VDS = 500 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 0.25 A
10
18
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 0.25 A
0.2
0.4
S
Input capacitance
Ciss
75
Reverse transfer capacitance
Crss
7
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
24
pF
Rise time
tr
11
Turn-ON time
ton
18
Fall time
tf
54
Switching time
Turn-OFF time
toff
95
ns
Total gate charge
(gate-source plus gate-drain)
Qg
3.8
Gate-source charge
Qgs
1.9
Gate-drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 0.5 A
1.9
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
0.5
A
Pulse drain reverse current
(Note 1)
IDRP
1.5
A
Forward voltage (diode)
VDSF
IDR = 0.5 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
190
ns
Reverse recovery charge
Qrr
IDR = 0.5 A, VGS = 0 V,
dIDR/dt = 100 A / μs
380
nC
Note 5: A line beside a Lot No. identifies the indication of product
Labels.
Without a line: [[Pb]]/INCLUDES > MCV
With a line: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.
Z
G
Part No.
(or abbreviation code)
Lot No.
Note 5
Duty
1%, tw = 10 μs
0 V
10 V
VGS
RL = 1 kΩ
VDD ≈ 250 V
ID = 0.25 A
VOUT


Similar Part No. - 2SK3471_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results

Similar Description - 2SK3471_10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com