Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3445 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3445
Description  Switching Regulator, DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3445 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3445_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3445_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3445_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3445_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3445_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3445_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3445
2009-09-29
4
Case temperature Tc (°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc (°C)
Vth – Tc
Case temperature Tc (°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
0.06
0.12
0.18
0.3
−80
−40
0
40
80
120
160
ID = 20 A
5
0.24
10
Common source
VGS = 10 V
Pulse test
1
0
−0.2 −0.4 −0.6 −0.8 −1.0 −1.2
−1.6
−2.0
10
100
1000
Common source
Tc
= 25°C
Pulse test
VGS = 0 V
3
5
10
−1.4
−1.8
3
0
−80
−40
0
40
120
160
80
1
2
5
6
4
Common source
VDS = 10 V
ID = 1 mA
Pulse test
40
80
10
0
40
80
120
200
120
160
160
200
50
100
0
0
20
40
60
100
150
200
80
250
VDD = 200 V
100 V
50 V
VGS
VDS
Common source
ID = 20 A
Tc
= 25°C
Pulse test
0
4
8
12
16
20
10
0.1
1
10
100
100
1000
30000
1000
10000
Crss
Coss
Ciss
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C


Similar Part No. - 2SK3445_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
More results

Similar Description - 2SK3445_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com