Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3443 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3443
Description  Switching Regulator, DC-DC Converter and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3443 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3443 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3443 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3443 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3443 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3443 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3443 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3443
2009-09-29
3
0.001
0.01
0.1
1
10
100
1000
Common source
Tc
= 25°C
Pulse test
3
5
30 50
300 500
1
15
VGS = 10 V
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
50
40
30
20
10
0
0
1
2
3
4
5
VGS = 7 V
7.5
Common source
Tc
= 25°C
Pulse test
8
8.5
9
9.5
10
15
100
80
60
40
20
0
0
4
8
12
16
20
VGS = 7 V
Common
source
Tc
= 25°C
Pulse test
8
9
10
11
12
15
4
0
1
2
3
5
7.5
15
04
8
16
12
20
Common source
Tc
= 25°C
Pulse test
ID = 30 A
100
0.1
1
10
0.1
1
10
100
100
25
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
0
4
8
16
12
20
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
100
25
0
10
20
30
40
50


Similar Part No. - 2SK3443

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3443 TOSHIBA-2SK3443 Datasheet
376Kb / 5P
   SWITCHING REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK3443 TOSHIBA-2SK3443 Datasheet
169Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3443 TOSHIBA-2SK3443_06 Datasheet
169Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3443

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676_09 Datasheet
141Kb / 3P
   Switching Regulator, DC/DC Converter and
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3236 TOSHIBA-2SK3236_09 Datasheet
182Kb / 6P
   Switching Regulator Applications, DC-DC Converter and
2SK4023 TOSHIBA-2SK4023 Datasheet
215Kb / 6P
   Switching Regulator, DC/DC Converter
2SK4023 TOSHIBA-2SK4023_09 Datasheet
188Kb / 6P
   Switching Regulator, DC/DC Converter
2SK2311 TOSHIBA-2SK2311_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Switching Regulator Applications
2SK2508 TOSHIBA-2SK2508_09 Datasheet
423Kb / 6P
   Switching Regulator and DC−DC Converter and Motor Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com