Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3397 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3397
Description  Relay Drive and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3397 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3397 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3397 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3397 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3397 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3397 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3397 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3397
2009-09-29
3
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
|Yfs| – ID
RDS (ON) – ID
23
4
5
0
40
60
80
100
20
01
4
6
8
10
0
0.4
0.6
0.8
1.0
0.2
02
10
100
1
10
110
100
1
10
0
20
40
60
80
100
0.4
0.6
0.8
1.0
0
0.2
2
4
0
40
60
80
100
20
0
1
100
5
100
3
1
6
120
12
1.2
1000
1000
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
Gate-source voltage VGS
(V)
Gate-source voltage VGS
(V)
Drain current ID (A)
Drain current ID (A)
VGS = 3V
3.25
3.5
3.75
4
8
10
6
4.5
5
Common source
Tc
= 25°C
Pulse Test
VGS = 3 V
3.25
3.5
3.75
5
10
4.5
4
8
6
Common source
Tc
= 25°C
Pulse Test
Tc
= −55°C
100
25
Common source
VDS = 10 V
Pulse Test
ID = 70 A
15
35
Common source
Tc
= 25℃
Pulse Test
Tc
= −55°C
25
100
Common source
VDS = 10 V
Pulse Test
VGS = 10,15V
Common source
Tc
= 25°C
Pulse Test


Similar Part No. - 2SK3397

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3397 TOSHIBA-2SK3397 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SK3397

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3506 TOSHIBA-2SK3506_09 Datasheet
150Kb / 3P
   Relay Drive and DC-DC Converter Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com