Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74799 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC74799
Description  On-Screen Display Controller IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74799 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC74799 Datasheet HTML 1Page - Sanyo Semicon Device LC74799 Datasheet HTML 2Page - Sanyo Semicon Device LC74799 Datasheet HTML 3Page - Sanyo Semicon Device LC74799 Datasheet HTML 4Page - Sanyo Semicon Device LC74799 Datasheet HTML 5Page - Sanyo Semicon Device LC74799 Datasheet HTML 6Page - Sanyo Semicon Device LC74799 Datasheet HTML 7Page - Sanyo Semicon Device LC74799 Datasheet HTML 8Page - Sanyo Semicon Device LC74799 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
No. 5834-5/32
LC74799, 74799M
Continued from preceding page.
Notes: (1): When the sync level = 0.8 V
(2): When the sync level = 1.0 V
(3): When the sync level = 1.4 V
The values in parentheses for the background high and low levels are for blue background mode.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
CVOUT :VDD1 = 5.0 V,
(1)
1.67
V
Color burst high level
VCBH
VDD2 = 5.0 V
(2)
1.87
V
(3)
2.27
V
CVOUT :VDD1 = 5.0 V,
(1)
1.23 (1.16)
V
Background color low level
VRSH
VDD2 = 5.0 V
(2)
1.43 (1.36)
V
(3)
1.83 (1.76)
V
CVOUT :VDD1 = 5.0 V,
(1)
2.37 (2.01)
V
Background color high level
VRSL
VDD2 = 5.0 V
(2)
2.57 (2.21)
V
(3)
2.97 (2.61)
V
CVOUT :VDD1 = 5.0 V,
(1)
1.50
V
Frame level 0
VBK0
VDD2 = 5.0 V
(2)
1.70
V
(3)
2.10
V
CVOUT :VDD1 = 5.0 V,
(1)
2.08
V
Frame level 1
VBK1
VDD2 = 5.0 V
(2)
2.28
V
(3)
2.68
V
CVOUT :VDD1 = 5.0 V,
(1)
2.65
V
Character level
VCHA
VDD2 = 5.0 V
(2)
2.85
V
(3)
3.25
V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
OSD write (See figure 1.)
Minimum input pulse width
tW (SCLK)
SCLK1
200
ns
tW (CS1)
CS1 (The period when CS1 is high)
1
µs
Data setup time
tSU (CS1)
CS1
200
ns
tSU (SIN)
SIN1
200
ns
Data hold time
th (CS1)
CS1
2
µs
th (SIN)
SIN1
200
ns
One word write time
tword
The 8-bit data write time
4.2
µs
twt
The RAM data write time
1
µs
PDC/VPS write and read (I2C bus timing)
SCL frequency
tSCL
100
kHz
Bus release time
tBUF
4.7
µs
Start hold time
tHD ; STA
4.0
µs
SCL low-level period
tLOW
4.7
µs
SCL high-level period
tHIGH
4.0
µs
Data hold time
tHD ; DAT
0µs
Data setup time
tSU ; DAT
250
ns
Rise time
tR
1000
ns
Fall time
tF
300
ns
Stop setup time
tSU ; STO
4.0
µs
Timing Characteristics at Ta = –30 to +70°C, VDD1 = 5 ±0.5 V


Similar Part No. - LC74799

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
More results

Similar Description - LC74799

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com