Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3236 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3236
Description  Switching Regulator Applications, DC-DC Converter and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3236 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3236 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3236 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3236
2009-09-29
3
ID − VDS
ID − VDS
ID − VGS
VDS − VGS
⎪Yfs⎪ − ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
RDS (ON) − ID
3.5
0
0
4
12
20
0.2
0.4
1
VGS = 3 V
3.25
3.75
4
8
10
5
0.6
0.8
8
16
Common source, Tc
= 25°C
Pulse test
5
0
0
VGS = 3 V
Common source
Tc
= 25°C
Pulse test
4.5
6
8
10
20
60
100
24
10
6
8
40
80
4
3.5
0
20
ID = 35 A
0
0.2
0.6
1
48
20
12
16
0.4
0.8
Common source
Tc
= 25°C
Pulse test
10
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
25
100
0
0
20
60
100
2
4
10
6
8
40
80
0.1
0.001
1100
0.01
10
Common source
Tc
= 25°C
Pulse test
4
VGS = 10 V
25
Tc
= −55°C
100
100
1
1
100
Common source
VDS = 10 V
Pulse test
10
10


Similar Part No. - 2SK3236

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
logo
Inchange Semiconductor ...
2SK3236 ISC-2SK3236 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3236

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3398 TOSHIBA-2SK3398 Datasheet
217Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_10 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471_10 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3373 TOSHIBA-2SK3373 Datasheet
222Kb / 6P
   Switching Regulator and DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_09 Datasheet
189Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3538 TOSHIBA-2SK3538 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_09 Datasheet
188Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com