Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3125 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3125
Description  DC-DC Converter, Relay Drive and
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3125 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3125 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3125
2008-12-22
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2SK3125
DC-DC Converter, Relay Drive and
Motor Drive Applications
• Low drain-source ON resistance: RDS (ON) = 5.3 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 60 S (typ.)
• Low leakage current: IDSS = 100 μA (max) (VDS = 30 V)
• Enhancement model: Vth = 1.5 to 3.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
70
Drain current
Pulse
(Note 1)
IDP
210
A
Drain power dissipation (Tc
= 25°C)
PD
150
W
Single pulse avalanche energy
(Note 2)
EAS
955
mJ
Avalanche current
IAR
70
A
Repetitive avalanche energy (Note 3)
EAR
15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
0.833
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 25 V, Tch = 25°C, L = 140 μH, RG = 25 Ω, IAR = 70 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-16H1B
Weight: 3.65 g (typ.)


Similar Part No. - 2SK3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3125 TOSHIBA-2SK3125 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SK3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3506 TOSHIBA-2SK3506_09 Datasheet
150Kb / 3P
   Relay Drive and DC-DC Converter Applications
2SK3397 TOSHIBA-2SK3397_09 Datasheet
210Kb / 6P
   Relay Drive and DC-DC Converter Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com