Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3085 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3085
Description  Chopper Regulator, DC-DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3085 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3085 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3085 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3085 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3085 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3085 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3085 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3085
2010-01-29
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate -source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut-off current
IDSS
VDS = 600 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
600
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 1.8 A
1.7
2.2
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 1.8 A
2.0
3.0
S
Input capacitance
Ciss
800
Reverse transfer capacitance
Crss
6
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
65
pF
Rise time
tr
15
Turn-on time
ton
50
Fall time
tf
15
Switching time
Turn-off time
toff
85
ns
Total gate charge
Qg
20
Gate-source charge
Qgs
10
Gate-drain charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 3.5 A
10
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
3.5
A
Pulse drain reverse current
(Note 1)
IDRP
14
A
Forward voltage (diode)
VDSF
IDR = 3.5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
1400
ns
Reverse recovery charge
Qrr
IDR = 3.5 A, VGS = 0 V,
dIDR/dt = 100 A/μs
9
μC
Marking
Duty
≤ 1%, tw = 10 μs
0 V
10 V
VGS
RL = 111 Ω
VDD ≈ 220 V
ID = 1.8 A
VOUT
Lot No.
Note 4
K3085
Part No. (or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Similar Part No. - 2SK3085

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3085 TOSHIBA-2SK3085 Datasheet
207Kb / 6P
   Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3085 TOSHIBA-2SK3085 Datasheet
177Kb / 6P
   Silicon N Channel MOS Type
2SK3085 TOSHIBA-2SK3085 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3085 VBSEMI-2SK3085 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3085 ISC-2SK3085 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3085

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266_09 Datasheet
441Kb / 6P
   Chopper Regulator, DC- DC Converter and Motor Drive
2SK2201 TOSHIBA-2SK2201_10 Datasheet
413Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK2920 TOSHIBA-2SK2920_10 Datasheet
398Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK4003 TOSHIBA-2SK4003_09 Datasheet
145Kb / 3P
   Chopper Regulator, DC-DC Converter and Motor Drive
2SK2231 TOSHIBA-2SK2231_10 Datasheet
426Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive
2SK4002 TOSHIBA-2SK4002 Datasheet
742Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_09 Datasheet
409Kb / 6P
   Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2846 TOSHIBA-2SK2846_09 Datasheet
413Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SK2842 TOSHIBA-2SK2842_09 Datasheet
433Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
2SJ512 TOSHIBA-2SJ512_09 Datasheet
451Kb / 6P
   Chopper Regulator, DC−DC Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com