Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3051 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3051
Description  Chopper Regulator DC?묭C Converter, and Motor Drive
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3051 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3051 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3051 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3051 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3051
2009-09-29
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK3051
Chopper Regulator DC−DC Converter, and Motor Drive
Applications
Low drain−source ON resistance
: RDS (ON) = 24 mΩ (typ.)
High forward transfer admittance
: |Yfs| = 27 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 50 V)
Enhancement mode
: Vth = 1.5 to 3.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
50
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
50
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
45
A
Drain current
Pulse (Note 1)
IDP
135
A
Drain power dissipation (Tc
= 25°C)
PD
40
W
Single pulse avalanche energy
(Note 2)
EAS
115
mJ
Avalanche current
IAR
45
A
Repetitive avalanche energy (Note 3)
EAR
4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual reliability data
(i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
3.125
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
83.3
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 25 V, Tch = 25°C (initial), L = 71 μH, RG = 25 Ω, IAR = 45 A
Note 3: Repetitive rating;: pulse width limited by maximum channel
temperature.
This transistor is an electrostatic-sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-10S1B
Weight: 1.5 g (typ.)
JEDEC
JEITA
TOSHIBA
2-10S2B
Weight: 1.5 g (typ.)


Similar Part No. - 2SK3051

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3051 TOSHIBA-2SK3051 Datasheet
140Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3051 TOSHIBA-2SK3051 Datasheet
179Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter, and Motor Drive Applications
2SK3051 TOSHIBA-2SK3051 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3051B ISC-2SK3051B Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3051K ISC-2SK3051K Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3051

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3090 TOSHIBA-2SK3090_09 Datasheet
181Kb / 3P
   Chopper Regulator DC?묭C Converter and Motor Drive
2SK2312F TOSHIBA-2SK2312F Datasheet
397Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
2SK2507F TOSHIBA-2SK2507F Datasheet
425Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com