Electronic Components Datasheet Search |
|
2SK3051 Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
2SK3051 Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 3 page 2SK3051 2009-09-29 1 TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV) 2SK3051 Chopper Regulator DC−DC Converter, and Motor Drive Applications Low drain−source ON resistance : RDS (ON) = 24 mΩ (typ.) High forward transfer admittance : |Yfs| = 27 S (typ.) Low leakage current : IDSS = 100 μA (max) (VDS = 50 V) Enhancement mode : Vth = 1.5 to 3.0 V (VDS = 10 V, ID = 1 mA) Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Drain−source voltage VDSS 50 V Drain−gate voltage (RGS = 20 kΩ) VDGR 50 V Gate−source voltage VGSS ±20 V DC (Note 1) ID 45 A Drain current Pulse (Note 1) IDP 135 A Drain power dissipation (Tc = 25°C) PD 40 W Single pulse avalanche energy (Note 2) EAS 115 mJ Avalanche current IAR 45 A Repetitive avalanche energy (Note 3) EAR 4 mJ Channel temperature Tch 150 °C Storage temperature range Tstg −55 to 150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Thermal Characteristics Characteristics Symbol Max Unit Thermal resistance, channel to case Rth (ch−c) 3.125 °C / W Thermal resistance, channel to ambient Rth (ch−a) 83.3 °C / W Note 1: Ensure that the channel temperature does not exceed 150°C. Note 2: VDD = 25 V, Tch = 25°C (initial), L = 71 μH, RG = 25 Ω, IAR = 45 A Note 3: Repetitive rating;: pulse width limited by maximum channel temperature. This transistor is an electrostatic-sensitive device. Please handle with caution. Unit: mm JEDEC ― JEITA ― TOSHIBA 2-10S1B Weight: 1.5 g (typ.) JEDEC ― JEITA ― TOSHIBA 2-10S2B Weight: 1.5 g (typ.) |
Similar Part No. - 2SK3051_09 |
|
Similar Description - 2SK3051_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |