Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ680 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ680
Description  Switching Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ680 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ680_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ680_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ680_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ680_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ680_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ680_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ680
2009-09-29
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cutoff current
IDSS
VDS = −200 V, VGS = 0 V
−100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = −10 mA, VGS = 0 V
−200
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−1.5
−3.5
V
Drain-source ON-resistance
RDS (ON)
VGS = −10 V, ID = −1.5 A
1.6
2.0
Ω
Forward transfer admittance
⎪Yfs
VDS = −10 V, ID = −1.5 A
1.0
2.0
S
Input capacitance
Ciss
410
Reverse transfer capacitance
Crss
40
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
145
pF
Rise time
tr
20
Turn-on time
ton
45
Fall time
tf
15
Switching time
Turn-off time
toff
85
ns
Total gate charge
(gate-source plus gate-drain)
Qg
10
Gate-source charge
Qgs
6
Gate-drain (“Miller”) charge
Qgd
VDD ≈ −160 V, VGS = −10 V,
ID = −2.5 A
4
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
−2.5
A
Pulse drain reverse current
(Note 1)
IDRP
−10
A
Forward voltage (diode)
VDSF
IDR = −2.5 A, VGS = 0 V
2.0
V
Reverse recovery time
trr
135
ns
Reverse recovery charge
Qrr
IDR = −2.5 A, VGS = 0 V,
dIDR/dt = 100 A/μs
0.81
μC
Marking
Duty
≤ 1%, tw = 10 μs
−10 V
0 V
VGS
RL = 66.7 Ω
VDD ≈ −100 V
ID = −1.5 A VOUT
J680
Lot No.
Note 4
Part No. (or abbreviation code)
Note 4: A line under a Lot No. identifies the indication of product
Labels.
Not underlined: [[Pb]]/INCLUDES > MCV
Underlined: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament
and of the Council of 27 January 2003 on the restriction of the use of
certain hazardous substances in electrical and electronic equipment.


Similar Part No. - 2SJ680_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ680 TOSHIBA-2SJ680_06 Datasheet
189Kb / 6P
   Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SJ680_09

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
   Switching Applications
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
   Switching Applications
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com