Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ668 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ668
Description  Relay Drive, DC/DC Converter and Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ668 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ668_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ668_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ668_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ668_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ668_09 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ668_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ668
2009-07-13
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cutoff current
IDSS
VDS = −60 V, VGS = 0 V
−100
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−60
V
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−35
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −2.5 A
0.16
0.25
Drain-source ON-resistance
RDS (ON)
VGS = −10 V, ID = −2.5 A
0.12
0.17
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −2.5 A
2.5
5.0
S
Input capacitance
Ciss
700
Reverse transfer capacitance
Crss
60
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
90
pF
Rise time
tr
14
Turn-on time
ton
24
Fall time
tf
14
Switching time
Turn-off time
toff
95
ns
Total gate charge (gate-source
plus gate-drain)
Qg
15
Gate-source charge
Qgs
11
Gate-drain (“Miller”) charge
Qgd
VDD ≈ −48 V, VGS = −10 V, ID = −5 A
4
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
−5
A
Pulse drain reverse current
(Note 1)
IDRP
−20
A
Forward voltage (diode)
VDSF
IDR = −5 A, VGS = 0 V
1.7
V
Reverse recovery time
trr
40
ns
Reverse recovery charge
Qrr
IDR = −5 A, VGS = 0 V
dlDR / dt = 50 A/μs
32
nC
Marking
Duty
≤ 1%, tw = 10 μs
−10 V
0 V
VGS
RL = 12 Ω
VDD ≈ −30 V
ID = −2.5 A
Output
Note 4 : A line under a Lot No. identifies the indication of product Labels
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to
environmental matters such as the RoHS compatibility of Product.
The RoHS is Directive 2002/95/EC of the European Parliament and
of the Council of 27 January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic equipment.
J668
Lot No.
Note 4
Part No.
(or abbreviation code)


Similar Part No. - 2SJ668_09

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2SJ668. VBSEMI-2SJ668. Datasheet
976Kb / 7P
   P-Channel 4 0 V (D-S) MOSFET
More results

Similar Description - 2SJ668_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
   Relay Drive, DC/DC Converter and Motor Drive
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
   DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
   DC-DC Converter Relay Drive and Motor Drive Applications
2SK4014 TOSHIBA-2SK4014_09 Datasheet
233Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
   Relay Drive, DC-DC Converter and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
   DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com