Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74793 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC74793
Description  VPS / PDC Slicer IC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74793 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC74793 Datasheet HTML 1Page - Sanyo Semicon Device LC74793 Datasheet HTML 2Page - Sanyo Semicon Device LC74793 Datasheet HTML 3Page - Sanyo Semicon Device LC74793 Datasheet HTML 4Page - Sanyo Semicon Device LC74793 Datasheet HTML 5Page - Sanyo Semicon Device LC74793 Datasheet HTML 6Page - Sanyo Semicon Device LC74793 Datasheet HTML 7Page - Sanyo Semicon Device LC74793 Datasheet HTML 8Page - Sanyo Semicon Device LC74793 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
No. 5966-5/24
LC74793, 74793JM
Parameter
Symbol
Applicable pins
Conditions
Ratings
Unit
min
typ
max
Output off leakage current
Ileak2
SDA and DAV
1
µA
High-level output voltage
VOH1
SEPOUT, CPOUT, SYNCJDG,
VDD1 = 4.5 V,
3.5
V
HOUT, and VOUT
IOH = –1.0 mA
VOL1
SEPOUT, CPOUT, SYNCJDG,
VDD1 = 4.5 V
1.0
V
Low-level output voltage
DAV, HOUT, and VOUT
IOL = 1.0 mA
VOL2
SDA
VDD1 = 5.0 V
0.4
V
IOL = 3.0 mA
IIH
RST, SDA, SCL, CTRL1, CTRL2,
VIN = VDD1
1
µA
Input current
VCOIN
IIL
SDA, SCL, CTRL1, CTRL2,
VIN = VSS1
–1
µA
VCOIN
With all outputs open
Operating current drain
IDD1
VDD1 and VDD2
and a 17.734 MHz
40
mA
crystal
Electrical Characteristics at Ta = –30 to +70°C, VDD1 = 5 V unless otherwise specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
SCL frequency
fSCL
100
kHz
Bus release time
tBUF
4.7
µs
Start hold time
tHD; STA
4.0
µs
SCL low-level period
tLOW
4.7
µs
SCL high-level period
tHIGN
4.0
µs
Data hold time
tHD; DAT
0
µs
Data setup time
tSU; DAT
250
ns
Rise time
tR
1000
ns
Fall time
tF
300
ns
Stop setup time
tSU; STO
4.0
µs
Timing Characteristics
PDC and VPS Read and Write (I2C bus timing) at Ta = –30 to +70°C, VDD1 = 5±0.5 V
Supplementary Documentation
• PDC and VPS serial timing (I2C bus timing)
S: Start condition
P: Stop condition


Similar Part No. - LC74793

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74792JM SANYO-LC74792JM Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74794M SANYO-LC74794M Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
More results

Similar Description - LC74793

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Siemens Semiconductor G...
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
NXP Semiconductors
SAA4700T PHILIPS-SAA4700T Datasheet
80Kb / 14P
   VPS dataline processor
March 1991
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
SAA4700 PHILIPS-SAA4700 Datasheet
65Kb / 12P
   VPS dataline processor
March 1991
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
   CMOS Data Slicer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com