Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74792JM Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC74792JM
Description  VPS / PDC Slicer IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74792JM Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC74792JM Datasheet HTML 1Page - Sanyo Semicon Device LC74792JM Datasheet HTML 2Page - Sanyo Semicon Device LC74792JM Datasheet HTML 3Page - Sanyo Semicon Device LC74792JM Datasheet HTML 4Page - Sanyo Semicon Device LC74792JM Datasheet HTML 5Page - Sanyo Semicon Device LC74792JM Datasheet HTML 6Page - Sanyo Semicon Device LC74792JM Datasheet HTML 7Page - Sanyo Semicon Device LC74792JM Datasheet HTML 8Page - Sanyo Semicon Device LC74792JM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
No. 5965-4/25
LC74792, 74792JM
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD max
VDD1 and VDD2
VSS – 0.3 to VSS + 7.0
V
Input voltage
VIN
All input pins
VSS – 0.3 to VDD1 + 0.3
V
Output voltage
VOUT
SIO, SYNCJDG, SEPOUT, DAV, HOUT, and VOUT
VSS – 0.3 to VDD1 + 0.3
V
Allowable power dissipation
Pd max
Ta = 25°C
350
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1
VDD1 and VDD2
4.5
5.0
5.5
V
VIH1
CS, SIO and SCLK
0.8 VDD1
5.5
V
High-level input voltage
VIH2
RST
0.8 VDD1
VDD1 + 0.3
V
VIH3
CTRL1 and CTRL2
0.7 VDD1
VDD1 + 0.3
V
Low-level input voltage
VIL1
RST, CS, SIO and SCLK
VSS – 0.3
0.2 VDD1
V
VIL2
CTRL1 and CTRL2
VSS – 0.3
0.3 VDD1
V
Pull-up resistance
RPU
RST
25
50
90
k
Composite video signal input voltage
VIN1
SYNIN
VDD1 = 5 V
1.5
2.0
2.5
Vp-p
Input voltage
VIN2
XtalIN (in external clock input mode)
VDD1 = 5 V
0.10
5.0
Vp-p
fin = fsc, 2fsc, or 4fsc
FOSC1
The XtalIN and XtalOUT oscillator pins (4fsc: PAL)
17.734
MHz
Oscillator frequency
FOSC2
The XtalIN and XtalOUT oscillator pins (2fsc: PAL)
8.867
MHz
FOSC3
The XtalIN and XtalOUT oscillator pins (fsc: PAL)
4.433
MHz
Recommended Operating Conditions
Note that adequate measure must be taken to prevent noise from entering the XtalIN pin when it is used in clock input mode.


Similar Part No. - LC74792JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74793JM SANYO-LC74793JM Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74794M SANYO-LC74794M Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
More results

Similar Description - LC74792JM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Siemens Semiconductor G...
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
NXP Semiconductors
SAA4700T PHILIPS-SAA4700T Datasheet
80Kb / 14P
   VPS dataline processor
March 1991
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
SAA4700 PHILIPS-SAA4700 Datasheet
65Kb / 12P
   VPS dataline processor
March 1991
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
   CMOS Data Slicer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com