Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2092 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SD2092
Description  Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD2092 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SD2092 Datasheet HTML 1Page - Toshiba Semiconductor 2SD2092 Datasheet HTML 2Page - Toshiba Semiconductor 2SD2092 Datasheet HTML 3Page - Toshiba Semiconductor 2SD2092 Datasheet HTML 4Page - Toshiba Semiconductor 2SD2092 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD2092
2006-11-21
4
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
VBE (sat) – IC
0.1
0.05
Common emitter
IC/IB = 100
0.1
0.3
0.5
1
3
0.3
0.5
1
3
5
100
25
Tc = −55°C
0.03
0.05
Common emitter
IC/IB = 100
0.3
0.5
1
3
5
10
0.05
0.1
0.3
1
3
−55
25
Tc = 100°C
0.1
0.5
0
0
0.5
1.5
2.5
3.0
0.4
0.8
1.2
1.4
1.6
Common emitter
VCE = 1 V
−55
25
Tc = 100°C
1.0
0.6
0.2
1.0
2.0
Pulse width tw (s)
rth – tw
0.001
1000
10
100
0.01
0.1
30
0.3
3
1
100
10
1
Curves should be applied in thermal limited area.
(Single nonrepetitive pulse)
(1) Infinite heat sink
(2) No heat sink
(1)
(2)
Collector-emitter voltage VCE (V)
Safe Operating Area
0.03
2
5
10
30
50
100
200
0.05
0.1
0.3
0.5
1
3
5
10
10 ms*
100 ms*
1 ms*
VCEO max
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
100 μs*
IC max (pulsed)*
IC max
(continuous)
DC operation
Tc = 25°C


Similar Part No. - 2SD2092

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092 Datasheet
228Kb / 4P
   NPN EPITAXIAL TYPE (SWITCHING, LAMP, SOLENOID DRIVE APPLICATIONS)
More results

Similar Description - 2SD2092

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
   Switching Applications
logo
Toshiba Semiconductor
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com