Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1242ISETRT Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX1242ISETRT
Description  SX1242 - Low Cost Integrated Transmitter IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1242ISETRT Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX1242ISETRT Datasheet HTML 6Page - Semtech Corporation SX1242ISETRT Datasheet HTML 7Page - Semtech Corporation SX1242ISETRT Datasheet HTML 8Page - Semtech Corporation SX1242ISETRT Datasheet HTML 9Page - Semtech Corporation SX1242ISETRT Datasheet HTML 10Page - Semtech Corporation SX1242ISETRT Datasheet HTML 11Page - Semtech Corporation SX1242ISETRT Datasheet HTML 12Page - Semtech Corporation SX1242ISETRT Datasheet HTML 13Page - Semtech Corporation SX1242ISETRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SX1242, Rev 1, November 2010
©2010 Semtech Corp.
SX1242
www.semtech.com
Page 10
Integrated Transmitter IC
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
4.3. Reference Design PCB Layout
The SX1242 reference design PCB layout is illustrated below:
Figure 6. Reference Design PCB Layout
4.4. Reference Design BOM
The following table summarizes the reference design BOM:
Table 7
Reference Design BOM
RefDes
MPN
Package
Value
Qty Description
U1
SX1242ISETRT
SO8
SX1242
1 RF transmitter IC
Q1
-
HC49
26 MHz
1 Crystal 26 MHz CL=15 pF
C3
-
0402
100pF
1 Capacitor NPO (+/-5%)
C4
-
0402
12pF
1 Capacitor NPO (+/-5%)
C5
-
0402
100nF
1 Capacitor X7R (+/-5%)
C6
-
0402
100pF
1 Capacitor NPO (+/-5%)
C7
-
0402
4.7pF
1 Capacitor NPO (+/-0.25pF)
C8
-
0402
12pF
1 Capacitor NPO (+/-5%)
C9
-
0402
2.2pF
1 Capacitor NPO (+/-0.25pF)
C10
-
0402
100nF
1 Capacitor X7R (+/-5%)
C11
-
0402
1uF
1 Capacitor X5R (+/-5%)
C12
-
0402
Zero ohm
1 Resistor Zero Ohm
L1
LQG15- or equivalent
0402
120nH
1 Multilayer chip inductor (+/-5%)
L2
LQG15- or equivalent
0402
39nH
1 Multilayer chip inductor (+/-5%)
L3
LQG15- or equivalent
0402
22n
1 Multilayer chip inductor (+/-5%)


Similar Part No. - SX1242ISETRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
SX1243IULTRT SEMTECH-SX1243IULTRT Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
More results

Similar Description - SX1242ISETRT

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RF68 HOPE-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
List of Unclassifed Man...
RF68 ETC2-RF68 Datasheet
778Kb / 21P
   Low Cost Integrated Transmitter IC
logo
WOLFSPEED, INC.
AM411 WOLFSPEED-AM411 Datasheet
350Kb / 10P
   Low-Cost Voltage Transmitter IC
March 2015 Rev. 4.0
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
logo
Semtech Corporation
SX1243 SEMTECH-SX1243 Datasheet
921Kb / 24P
   Low Cost Low Current Integrated Transmitter 310 to 928MHz Frequency Agile
logo
HOPE Microelectronics C...
RFM68W HOPE-RFM68W Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM68W-315S2 ETC2-RFM68W-315S2 Datasheet
793Kb / 20P
   Low Cost ISM Transmitter Module
RFM68CW-315S2 ETC2-RFM68CW-315S2 Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com