Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1508 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SD1508
Description  Pulse Motor Drive, Hammer Drive Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SD1508 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SD1508_09 Datasheet HTML 1Page - Toshiba Semiconductor 2SD1508_09 Datasheet HTML 2Page - Toshiba Semiconductor 2SD1508_09 Datasheet HTML 3Page - Toshiba Semiconductor 2SD1508_09 Datasheet HTML 4Page - Toshiba Semiconductor 2SD1508_09 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD1508
2009-12-21
4
Collector-emitter voltage VCE (V)
Safe Operating Area
Collector current IC (A)
VBE (sat) – IC
Pulse width tw (s)
rth – tw
0.1
0.001
1000
1
10
100
Curves should be applied in thermal limited area.
(single nonrepetitive pulse)
(1) Infinite heat sink
(2) No heat sink
(1)
(2)
0.01
0.1
1
10
100
1
3
10
30
0.03
0.5
5
0.1
0.5
1
3
*: Single nonrepetitive
pulse Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
100 μs*
DC operation
Tc = 25°C
0.05
100
0.3
0.1
10
1
0.3
0.5
3
5
1
0.003
0.01
0.03
0.1
0.3
3
30
Tc = −50°C
100
25
Common emitter
IC/IB = 1000


Similar Part No. - 2SD1508_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1508 TOSHIBA-2SD1508 Datasheet
202Kb / 4P
   NPN EPITAXIAL TYPE (PULSE MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SD1508_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2481 TOSHIBA-2SD2481_06 Datasheet
149Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SD1224 TOSHIBA-2SD1224_06 Datasheet
155Kb / 5P
   Pulse Motor Drive, Hammer Drive Applications
2SB1411 TOSHIBA-2SB1411 Datasheet
200Kb / 4P
   TRANSISTOR (SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
   HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD1357 TOSHIBA-2SD1357 Datasheet
273Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS. HAMMER DRIVE, PULSE. MOTOR DRIVE APPLICATIONS.
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
   PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com