Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6267HRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6267HRZ
Description  Multiphase PWM Regulator for AMD Fusion Mobile CPUs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6267HRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6267HRZ Datasheet HTML 4Page - Intersil Corporation ISL6267HRZ Datasheet HTML 5Page - Intersil Corporation ISL6267HRZ Datasheet HTML 6Page - Intersil Corporation ISL6267HRZ Datasheet HTML 7Page - Intersil Corporation ISL6267HRZ Datasheet HTML 8Page - Intersil Corporation ISL6267HRZ Datasheet HTML 9Page - Intersil Corporation ISL6267HRZ Datasheet HTML 10Page - Intersil Corporation ISL6267HRZ Datasheet HTML 11Page - Intersil Corporation ISL6267HRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ISL6267
8
January 31, 2011
FN7801.0
16
ISEN3/FB2
When the Core VR of ISL6267 is configured in 3-phase mode, this pin is ISEN3. ISEN3 is the individual
current sensing for Channel 3. When the Core VR of ISL6267 is configured in 2-phase mode, this pin is
FB2. There is a switch between the FB2 pin and the FB pin. The switch is on in 2-phase mode and is off
in 1-phase mode. The components connecting to FB2 are used to adjust the compensation in 1-phase
mode to achieve optimum performance.
17
ISEN2
Individual current sensing for Channel 2 of the Core VR. When ISEN2 is pulled to 5V VDD, the controller
disables Channel 2, and the Core VR runs in single-phase mode.
18
ISEN1
Individual current sensing for Channel 1 of the Core output.
19
VSEN
Output voltage sense pin for the Core controller. Connect to the +sense pin of the microprocessor die.
20
RTN
Output voltage sense return pin for the Core controller. Connect to the -sense pin of the microprocessor
die.
21
ISUMN
Inverting input of the transconductance amplifier for current monitor and load line of Core output.
22
ISUMP
Non-inverting input of the transconductance amplifier for current monitor and load line of Core output.
23
VDD
5V bias power.
24
VIN
Battery supply voltage, used for feed-forward.
25
PROG1
Program pin for setting output voltage offset for Core VR.
26
BOOT1
Connect an MLCC capacitor across the BOOT1 and the phase (PH1) pin. The boot capacitor is charged
through an internal boot diode connected from the VCCP pin to the BOOT1 pin, each time the PH1 pin
drops below VCCP minus the voltage dropped across the internal boot diode.
27
UG1
Output of the Phase 1 high-side MOSFET gate driver of the Core VR. Connect the UG1 pin to the gate of
the Phase 1 high-side MOSFET.
28
PH1
Current return path for the Phase 1 high-side MOSFET gate driver of VR1. Connect the PH1 pin to the node
consisting of the high-side MOSFET source, the low-side MOSFET drain, and the output inductor of
Phase 1.
29
LG1
Output of the Phase 1 low-side MOSFET gate driver of the Core VR. Connect the LG1 pin to the gate of the
Phase 1 low-side MOSFET.
30
PWM3
PWM output for Channel 3 of the Core VR. When PWM3 is pulled to 5V VDD, the controller disables Phase
3 and runs in 2-phase mode.
31
VCCP
Input voltage bias for the internal gate drivers. Connect +5V to the VCCP pin. Decouple with at least 1µF
of capacitance to GND. A high quality, X7R dielectric MLCC capacitor is recommended.
32
LG2
Output of the Phase 2 low-side MOSFET gate driver of VR1. Connect the LG2 pin to the gate of the
Phase 2 low-side MOSFET.
33
PH2
Current return path for the Phase 2 high-side MOSFET gate driver of the Core VR. Connect the PH2 pin to
the node consisting of the high-side MOSFET source, the low-side MOSFET drain, and the output inductor
of Phase 2.
34
UG2
Output of the Phase 2 high-side MOSFET gate driver of the Core VR. Connect the UG2 pin to the gate of
the Phase 2 high-side MOSFET.
35
BOOT2
Connect an MLCC capacitor across the BOOT2 and PH2 pins. The boot capacitor is charged through an
internal boot diode connected from the VCCP pin to the BOOT2 pin, each time the PH2 pin drops below
VCCP minus the voltage dropped across the internal boot diode.
36
PWM2_NB
PWM output for Channel 2 of the Northbridge VR.
37
LG1_NB
Output of the low-side MOSFET gate driver of the Northbridge VR. Connect the LG1_NB pin to the gate of
the low-side MOSFET of VR2.
38
PH1_NB
Current return path for the high-side MOSFET gate driver of the Northbridge VR. Connect the PH1_NB pin
to the node consisting of the high-side MOSFET source, the low-side MOSFET drain, and the output
inductor of the Northbridge VR.
39
UG1_NB
Output of the high-side MOSFET gate driver of the Northbridge VR. Connect the UG1_NB pin to the gate
of the high-side MOSFET.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
DESCRIPTION


Similar Part No. - ISL6267HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6267HRZ RENESAS-ISL6267HRZ Datasheet
1Mb / 33P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs
More results

Similar Description - ISL6267HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6267 RENESAS-ISL6267 Datasheet
1Mb / 33P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs
logo
Intersil Corporation
ISL6277HRZ INTERSIL-ISL6277HRZ Datasheet
967Kb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
March 8, 2012
logo
Renesas Technology Corp
ISL62773A RENESAS-ISL62773A Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
logo
Intersil Corporation
ISL6277A INTERSIL-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
logo
Renesas Technology Corp
ISL6277A RENESAS-ISL6277A Datasheet
1Mb / 38P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277A RENESAS-ISL6277A_V01 Datasheet
1Mb / 40P
   Multiphase PWM Regulator for AMD Fusion Mobile CPUs Using SVI 2.0
Oct 9, 2019
ISL62771 RENESAS-ISL62771 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL6277 RENESAS-ISL6277 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Mobile CPUs Using SVI 2.0
ISL95712 RENESAS-ISL95712 Datasheet
1Mb / 35P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
ISL62773 RENESAS-ISL62773 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for AMD Fusion??Desktop CPUs Using SVI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com