Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16008 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16008
Description  Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16008 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16008_11 Datasheet HTML 1Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 2Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 3Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 4Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 5Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 6Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 7Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 8Page - Maxim Integrated Products MAX16008_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
Low-Voltage, High-Accuracy, Quad Window
Voltage Detectors in Thin QFN
4
_______________________________________________________________________________________
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
35
40
45
50
55
60
30
1.5
5.5
MARGIN AND MR
UNCONNECTED
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
35
40
45
50
55
60
65
30
-40
125
MARGIN AND MR
UNCONNECTED
VCC = 5V
VCC = 2.5V
VCC = 3.3V
UVIN_/OVIN_ THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.400
0.375
0.425
0.450
0.350
1.5
5.5
UVIN_/OVIN_ THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.35
-40
125
OUTPUT VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
7
6
5
4
3
2
1
25
50
75
100
0
08
UVOUT_ / OVOUT_ LOW
1
10
100
1000
MAXIMUM TRANSIENT DURATION
vs. INPUT OVERDRIVE
INPUT OVERDRIVE (mV)
600
0
100
200
300
400
500
OUTPUT GOES LOW
ABOVE THIS LINE


Similar Part No. - MAX16008_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008TP++ MAXIM-MAX16008TP+ Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
More results

Similar Description - MAX16008_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
logo
Texas Instruments
TPS3779 TI1-TPS3779_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6714DUB MAXIM-MAX6714DUB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
logo
Texas Instruments
TPS3779-Q1 TI1-TPS3779-Q1 Datasheet
979Kb / 24P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
logo
Maxim Integrated Produc...
MAX6754 MAXIM-MAX6754 Datasheet
286Kb / 22P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 1; 12/03
MAX6764UT MAXIM-MAX6764UT Datasheet
560Kb / 20P
   Low-Power, Single/Dual-Voltage Window Detectors
Rev 4; 1/11
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Maxim Integrated Produc...
MAX4695 MAXIM-MAX4695 Datasheet
271Kb / 11P
   Low-Voltage, 60ohm Dual SPDT Analog Switch in Thin QFN
Rev 1, 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com