Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6369 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6369
Description  Pin-Selectable Watchdog Timers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6369 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin-Selectable Watchdog Timers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, SET_ = VCC or GND, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C and
VCC = +3V.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC .....................................................................-0.3V to +6V
WDI.....................................................................-0.3V to +6V
WDO (Open Drain: MAX6369/71/73) .................-0.3V to +6V
WDO (Push-Pull: MAX6370/72/74 .......-0.3V to (VCC + 0.3V)
SET0, SET1, SET2 ................................-0.3V to (VCC + 0.3V)
Maximum Current, Any Pin (input/output)...........................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.75mW/°C above +70°C).........700mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
VCC Rise or Fall Rate......................................................0.05V/µs
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free...................................................................+260°C
Containing Lead (Pb).......................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
2.5
5.5
V
TA = -40°C to +85°C8
20
Supply Current
ICC
No load
TA = -40°C to +125°C10
22
µA
Input High Voltage
VIH
WDI, SET0, SET1, SET2
0.8
×VCC
V
VCC
≥ 3.3V,
TA = -40°C to +85°C
0.8
VCC
≥ 3.3V,
TA = -40°C to +125°C
0.6
VCC
≥ 2.5V,
TA = -40°C to +85°C
0.6
Input Low Voltage
VIL
WDI, SET0,
SET1, SET2
VCC
≥ 2.5V,
TA = -40°C to +125°C
0.4
V
Logic Input Current (Note 2)
VWDI or VSET_ = 0V or VCC
0
±10
nA
ISINK = 1.2mA, VCC > 2.7V, watchdog
output asserted
0.3
V
WDO Output Low
Voltage
VOL
ISINK = 6mA, VCC > 4.5V, watchdog
output asserted
0.4
V
WDO Leakage Current
ILKG
VWDO = 0 to +5.5V, output deasserted,
MAX6369/MAX6371/MAX6373
1µA
ISOURCE = 500µA, VCC > 2.7V, watchdog
output deasserted
0.8
×VCC
WDO Output High
Voltage
VOH
ISOURCE = 800µA, VCC > 4.5V, watchdog
output deasserted
VCC -1.5
V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn