Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6369 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX6369
Description  Pin-Selectable Watchdog Timers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6369 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX6369–MAX6374 are pin-selectable watchdog
timers that supervise microprocessor (µP) activity and
signal when a system is operating improperly. During
normal operation, the microprocessor should repeated-
ly toggle the watchdog input (WDI) before the selected
watchdog timeout period elapses to demonstrate that
the system is processing code properly. If the µP does
not provide a valid watchdog input transition before the
timeout period expires, the supervisor asserts a watch-
dog (WDO) output to signal that the system is not exe-
cuting the desired instructions within the expected time
frame. The watchdog output pulse can be used to reset
the µP or interrupt the system to warn of processing
errors.
The MAX6369–MAX6374 are flexible watchdog timer
supervisors that can increase system reliability through
notification of code execution errors. The family offers
several pin-selectable watchdog timing options to
match a wide range of system timing applications:
• Watchdog startup delay: provides an initial delay
before the watchdog timer is started.
• Watchdog timeout period: normal operating watch-
dog timeout period after the initial startup delay.
• Watchdog output/timing options: open drain (100ms)
or push-pull (1ms).
The MAX6369–MAX6374 operate over a +2.5V to +5.5V
supply range and are available in miniature 8-pin
SOT23 packages.
________________________Applications
Embedded Control Systems
Industrial Controllers
Critical µP and Microcontroller (µC) Monitoring
Automotive
Telecommunications
Networking
Features
o Precision Watchdog Timer for Critical
µP Applications
o Pin-Selectable Watchdog Timeout Periods
o Pin-Selectable Watchdog Startup Delay Periods
o Ability to Change Watchdog Timing Characteristics
Without Power Cycling
o Open-Drain or Push-Pull Pulsed Active-Low
Watchdog Output
o Watchdog Timer Disable Feature
o +2.5V to +5.5V Operating Voltage
o 8µA Low Supply Current
o No External Components Required
o Miniature 8-Pin SOT23 Package
Pin-Selectable Watchdog Timers
________________________________________________________________
Maxim Integrated Products
1
19-1676; Rev 5; 1/11
PART
OUTPUT
WDO PULSE
WIDTH (ms)
MINIMUM STARTUP DELAY
MINIMUM WATCHDOG TIMEOUT
MAX6369
Open Drain
100
Selectable: 1ms to 60s
Selectable: 1ms to 60s
MAX6370
Push-Pull
1
Selectable: 1ms to 60s
Selectable: 1ms to 60s
MAX6371
Open Drain
100
60s
Selectable: 1ms to 60s
MAX6372
Push-Pull
1
60s
Selectable: 1ms to 60s
MAX6373
Open Drain
100
Selectable: 200µs to 60s or first edgeSelectable: 30µs to 10s
MAX6374
Push-Pull
1
Selectable: 200µs to 60s or first edgeSelectable: 30µs to 10s
Selector Guide
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
MAX6369KA-T
-40
°C to +125°C 8 SOT23
AADC
MAX6369KA/V-T
-40
°C to +125°C 8 SOT23
AEQV
MAX6369KA/V+T
-40
°C to +125°C 8 SOT23
AEQV
MAX6370KA-T
-40
°C to +125°C 8 SOT23
AADD
MAX6371KA-T
-40
°C to +125°C 8 SOT23
AADE
MAX6372KA-T
-40
°C to +125°C 8 SOT23
AADF
MAX6373KA-T
-40
°C to +125°C 8 SOT23
AADG
MAX6374KA-T
-40
°C to +125°C 8 SOT23
AADH
Ordering Information
Pin Configuration appears at end of data sheet.
Note: All devices are available in tape-and-reel only. Required
order increment is 2,500 pieces.
/V denotes an automotive qualified part.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn