Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1557ETB+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1557ETB+
Description  16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1557ETB+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1557ETB+ Datasheet HTML 4Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 5Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 6Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 7Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 8Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 9Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 10Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 11Page - Maxim Integrated Products MAX1557ETB+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Chip Information
PROCESS: BiCMOS
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
______________________________________________________________________________________
11
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
10 TDFN
T1033-1
21-0137
90-0003


Similar Part No. - MAX1557ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1557ETB++ MAXIM-MAX1557ETB+ Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
More results

Similar Description - MAX1557ETB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com