Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32475EIBZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL32475EIBZ
Description  Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32475EIBZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL32475EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 9Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 10Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 11Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 12Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 13Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 14Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL32470E, ISL32472E, ISL32475E, ISL32478E
11
FN7784.0
January 21, 2011
Application Information
RS-485 and RS-422 are differential (balanced) data transmission
standards used for long haul or noisy environments. RS-422 is a
subset of RS-485, so RS-485 transceivers are also RS-422
compliant. RS-422 is a point-to-multipoint (multidrop) standard,
which allows only one driver and up to 10 (assuming one-unit load
devices) receivers on each bus. RS-485 is a true multipoint standard,
which allows up to 32 one-unit load devices (any combination of
drivers and receivers) on each bus. To allow for multipoint operation,
the RS-485 specification requires that drivers must handle bus
contention without sustaining any damage.
Another important advantage of RS-485 is the extended common
mode range (CMR), which specifies that the driver outputs and
receiver inputs withstand signals that range from +12V to -7V.
RS-422 and RS-485 are intended for runs as long as 4000 feet; thus,
the wide CMR is necessary to handle ground potential differences, as
well as voltages induced in the cable by external fields.
The ISL32470E, ISL32472E, ISL32475E, ISL32478E is a family of
ruggedized RS-485 transceivers that improves on the RS-485 basic
requirements and therefore increases system reliability. The CMR
increases to ±15V, while the RS-485 bus pins (receiver inputs and
driver outputs) include fault protection against voltages and
transients up to ±60V. Additionally, larger-than-required differential
output voltages (VOD) increase noise immunity, while the ±16.5kV
built-in ESD protection complements the fault protection.
Receiver (Rx) Features
These devices utilize a differential input receiver for maximum noise
immunity and common mode rejection. Input sensitivity is better
than ±200mV, as required by the RS-422 and RS-485 specifications.
Receiver input (load) current surpasses the RS-422 specification of
3mA and is four times lower than the RS-485 “Unit Load (UL)”
requirement of 1mA maximum. Thus, these products are known as
“one-quarter UL” transceivers, and there can be up to 128 of these
devices on a network while still complying with the RS-485 loading
specification.
The Rx functions with common mode voltages as great as ±15V,
making them ideal for industrial or long networks where induced
voltages are a realistic concern.
All the receivers include a “full fail-safe” function that guarantees a
high-level receiver output if the receiver inputs are unconnected
(floating), shorted together, or connected to a terminated bus with all
the transmitters disabled (i.e., an idle bus).
Rx outputs feature high drive levels (typically 22mA @ VOL = 1V) to
ease the design of optically coupled isolated interfaces.
FIGURE 7A. TEST CIRCUIT
FIGURE 7B. MEASUREMENT POINTS
FIGURE 7. RECEIVER PROPAGATION DELAY AND DATA RATE
FIGURE 8A. TEST CIRCUIT
FIGURE 8B. MEASUREMENT POINTS
FIGURE 8. RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
SIGNAL
GENERATOR
VCM
RO
750mV
-750mV
tPLH
0V
0V
VCC
0V
50%
50%
tPHL
A
B
PARAMETER
DE
A
SW
tHZ
0
+1.5V
GND
tLZ
0
-1.5V
VCC
tZH (Note 10)
0
+1.5V
GND
tZL (Note 10)
0
-1.5V
VCC
tZH(SHDN) (Note 13)
0
+1.5V
GND
tZL(SHDN) (Note 13)
0
-1.5V
VCC
1kΩ
GND
SW
SIGNAL
GENERATOR
R
RO
RE
A
B
15pF
VCC
RO
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RO
VOL
1.5V
VOL + 0.5V
tLZ
RE
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
3V
VCC
(Note 11)
(Note 11)
(Note 11)
OUTPUT HIGH


Similar Part No. - ISL32475EIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32475EIBZ RENESAS-ISL32475EIBZ Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results

Similar Description - ISL32475EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com