Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NH020GZ Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # NH020GZ
Description  Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH020GZ Datasheet(HTML) 3 Page - Lineage Power Corporation

  NH020GZ Datasheet HTML 1Page - Lineage Power Corporation NH020GZ Datasheet HTML 2Page - Lineage Power Corporation NH020GZ Datasheet HTML 3Page - Lineage Power Corporation NH020GZ Datasheet HTML 4Page - Lineage Power Corporation NH020GZ Datasheet HTML 5Page - Lineage Power Corporation NH020GZ Datasheet HTML 6Page - Lineage Power Corporation NH020GZ Datasheet HTML 7Page - Lineage Power Corporation NH020GZ Datasheet HTML 8Page - Lineage Power Corporation NH020GZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Lineage Power
3
Data Sheet
October 14, 2009
5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
NH020-Series Power SIPs:
Electrical Specifications (continued)
General Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 5.0 V; IO = IO, max; TA = 25 °C)
NH020M
NH020M2
NH020Y
NH020Y2
NH020G
NH020F
NH020F2
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
1.46
1.485
1.75
1.782
2.43
3.18
3.27
1.5
1.5
1.8
1.8
2.5
3.3
3.3
1.54
1.515
1.85
1.818
2.57
3.39
3.33
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all operating input voltage, resistive load, and
temperature conditions until end of life.)
NH020M
NH020M2
NH020Y
NH020Y2
NH020G
NH020F
NH020F2
VO
VO
VO
VO
VO
VO
VO
1.43
1.455
1.716
1.745
2.39
3.16
3.24
1.57
1.545
1.883
1.855
2.61
3.44
3.36
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 4.5 V to 5.5 V)
Load (IO = 0 to IO, max)
Temperature (TA = 0 °C to 55 °C)
All
M
Y
F, G
All
0.1
0.4
0.3
0.1
0.4
0.6
0.5
0.3
17
%VO
%VO
%VO
%VO
mV
Output Ripple and Noise Voltage
(See Figures 7—9 and 15.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
F, G, M
Y
All
25
30
100
mVrms
mVrms
mVp-p
External Load Capacitance (electrolytic)
All
0
10,000
µF
Output Current
(Forced convection, 1.5 ms–1 (300 lfm))
All
IO
0
6
A
Output Current-limit Inception
(VO = 90% of VO, set; see Feature Descriptions
section.)
All
IO
350
%IO, max
Efficiency
(VI = 5.0 V; IO = IO, max; TA = 25 °C; see Figures 3—6
and 16.)
NH020M
NH020Y
NH020G
NH020F
h
h
h
h
70
73
79
84
72
75
82
86
%
%
%
%
Switching Frequency
All
500
kHz
Dynamic Response
(
ΔIO/Δt = 1 A/10 µs, VI = 5.0 V, TA = 25 °C;
see Figures 10 and 11.):
Load Change from IO = 0% to 100% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
Load Change from IO = 100% to 0% of IO, max:
Peak Deviation
Settling Time (VO < 10% peak deviation)
All
All
All
All
80
200
80
200
mV
µs
mV
µs
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max TA = 25 °C)
1,400,000
Hours
Weight
7(0.25)
g (oz.)


Similar Part No. - NH020GZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NH025 VISHAY-NH025 Datasheet
221Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 11-Jul-07
NH025 VISHAY-NH025 Datasheet
186Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 04-Sep-2019
More results

Similar Description - NH020GZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
   36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
   5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
   5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
logo
Lineage Power Corporati...
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
NH033 LINEAGEPOWER-NH033 Datasheet
6Mb / 20P
   Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
logo
Bel Fuse Inc.
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
SRPE-02E1A0 BEL-SRPE-02E1A0 Datasheet
1Mb / 12P
   5.5 Vdc - 13.2 Vdc Input 0.6 Vdc - 5.5 Vdc / 1.5 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com