Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76683AROZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL76683AROZ-T7
Description  Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76683AROZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL76683AROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL76683AROZ-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ISL76683
6
FN7697.1
January 31, 2011
Principles of Operation
Photodiodes
The ISL76683 contains two photodiodes. Diode1 is sensitive to
both visible and infrared light, while Diode2 is mostly sensitive to
infrared light. The spectral response of the two diodes are
independent from one another. See Figure 2 “Spectral Response” in
the “Typical Performance Curves” section. The photodiodes
convert light to current then the diodes’ current outputs are
converted to digital by a single built-in integrating type 16-bit
Analog-to-Digital Converter (ADC). An I2C command mode
determines which photodiode will be converted to a digital signal.
Mode1 is Diode1 only. Mode2 is Diode2 only. Mode3 is a
sequential Mode1 and Mode2 with an internal subtract function
(Diode1 - Diode2).
Analog-to-Digital Converter (ADC)
The converter is a charge-balancing integrating type 16-bit ADC.
The chosen method for conversion is best for converting small
current signals in the presence of AC periodic noise. A 100ms
integration time, for instance, highly rejects 50Hz and 60Hz
power line noise simultaneously. See “Integration Time or
Conversion Time” on page 11 and “Noise Rejection” on page 12.
The built-in ADC offers the user flexibility in integration time or
conversion time. Two timing modes are available; Internal Timing
Mode and External Timing Mode. In Internal Timing Mode,
integration time is determined by an internal dual speed oscillator
(fOSC), and the n-bit (n = 4, 8, 12, 16) counter inside the ADC. In
External Timing Mode, integration time is determined by the time
between two consecutive I2C External Timing Mode commands. See
“External Timing Mode” on page 10. A good balancing act of
integration time and resolution depending on the application is
required for optimal results.
The ADC has four I2C programmable range selects to
dynamically accommodate various lighting conditions. For very
dim conditions, the ADC can be configured at its lowest range.
For very bright conditions, the ADC can be configured at its
highest range.
Interrupt Function
The active low interrupt pin is an open drain pull-down
configuration. The interrupt pin serves as an alarm or monitoring
function to determine whether the ambient light exceeds the
upper threshold or goes below the lower threshold. The user can
also configure the persistency of the interrupt pin. This
eliminates any false triggers, such as noise or sudden spikes in
ambient light conditions. An unexpected camera flash, for
example, can be ignored by setting the persistency to 8
integration cycles.
I2C Interface
There are eight (8) 8-bit registers available inside the ISL76683. The
command and control registers define the operation of the device.
The command and control registers do not change until the registers
are overwritten. There are two 8-bit registers that set the high and
low interrupt thresholds. There are four 8-bit data Read Only
registers; two bytes for the sensor reading and another two bytes for
the timer counts. The data registers contain the ADC's latest digital
output, and the number of clock cycles in the previous integration
period.
The ISL76683’s I2C interface slave address is hardwired
internally as 1000100. When 1000100x with x as R or W is sent
after the Start condition, this device compares the first seven bits
of this byte to its address and matches.
Figure 12 shows a sample one-byte read. Figure 13 shows a sample
one-byte write. Figure 14 shows a sync_iic timing diagram sample
for externally controlled integration time. The I2C bus master always
drives the SCL (clock) line, while either the master or the slave can
drive the SDA (data) line. Figure 13 shows a sample write. Every I2C
transaction begins with the master asserting a start condition (SDA
falling while SCL remains high). The following byte is driven by the
master and includes the slave address and read/write bit. The
receiving device is responsible for pulling SDA low during the
acknowledgement period.
Every I2C transaction ends with the master asserting a stop
condition (SDA rising while SCL remains high).
For more information about the I2C standard, please consult the
Philips® I2C specification documents.


Similar Part No. - ISL76683AROZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683AROZ-T7 RENESAS-ISL76683AROZ-T7 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683AROZ-T7 RENESAS-ISL76683AROZ-T7 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683AROZ-T7A INTERSIL-ISL76683AROZ-T7A Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
More results

Similar Description - ISL76683AROZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com