Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76683 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL76683
Description  Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76683 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL76683 Datasheet HTML 1Page - Intersil Corporation ISL76683 Datasheet HTML 2Page - Intersil Corporation ISL76683 Datasheet HTML 3Page - Intersil Corporation ISL76683 Datasheet HTML 4Page - Intersil Corporation ISL76683 Datasheet HTML 5Page - Intersil Corporation ISL76683 Datasheet HTML 6Page - Intersil Corporation ISL76683 Datasheet HTML 7Page - Intersil Corporation ISL76683 Datasheet HTML 8Page - Intersil Corporation ISL76683 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Light-to-Digital Output Sensor with Gain Selection,
Interrupt Function and I2C Interface
ISL76683
The ISL76683 is an integrated light sensor with an internal
integrating ADC intended for automotive applications. The ADC
provides 16-bit resolution and is capable of rejecting 50Hz and
60Hz flicker caused by artificial light sources. The I2C interface
provides four user programmable lux sensitivity ranges for
optimized counts/lux in a variety of lighting conditions. In
addition, the I2C interface provides multi-function control of the
sensor and remote monitoring capabilities.
In normal operation, power consumption is less than 300µA.
Furthermore, a software power-down mode controlled via the I2C
interface reduces power consumption to less than 1µA.
The ISL76683 supports twin (upper & lower) user programmed
thresholds and provides a hardware interrupt that remains
asserted low until the host clears it via the I2C control interface.
Designed to operate on supplies from 2.5V to 3.3V, the ISL76683 is
qualified to AECQ100 and specified for operation over the -40°C to
+105°C (grade 2) ambient temperature range. To achieve this, the
ISL76683 is packaged in a special extended temperature clear
package.
Features
• Range select via I2C
- Range 1 = 0 lux to 1000 lux
- Range 2 = 0 lux to 4000 lux
- Range 3 = 0 lux to 16,000 lux
- Range 4 = 0 lux to 64,000 lux
• Human Eye Response (540nm Peak Sensitivity)
• Temperature Compensated
• 16-bit Resolution
• Adjustable Sensitivity: up to 65 Counts per Lux
• User-programmable Upper and Lower Threshold Interrupt
• Simple Output Code, Directly Proportional to Lux
•IR + UV Rejection
• 50Hz/60Hz Rejection
• 2.5V to 3.3V Supply
•6 Ld ODFN (2.1mmx2mm)
• Pb-free (RoHS compliant)
Applications
• Automotive Ambient Light Sensing
• Backlight Control
• Lighting Controls
VDD
REXT
GND
SDA
SCL
COMMAND
REGISTER
INTEGRATING
ADC
DATA
REGISTER
I2C
PHOTODIODE 1
PHOTODIODE 2
MUX
3
2
5
6
1
FOSC
IREF
COUNTER
216
EXT
4 INT
INTERRUPT
ISL76683
TIMING
INT
FIGURE 1. BLOCK DIAGRAM
January 31, 2011
FN7697.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL76683

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
More results

Similar Description - ISL76683

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com