Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74761M Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74761M
Description  On-Screen Display LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74761M Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74761M Datasheet HTML 1Page - Sanyo Semicon Device LC74761M Datasheet HTML 2Page - Sanyo Semicon Device LC74761M Datasheet HTML 3Page - Sanyo Semicon Device LC74761M Datasheet HTML 4Page - Sanyo Semicon Device LC74761M Datasheet HTML 5Page - Sanyo Semicon Device LC74761M Datasheet HTML 6Page - Sanyo Semicon Device LC74761M Datasheet HTML 7Page - Sanyo Semicon Device LC74761M Datasheet HTML 8Page - Sanyo Semicon Device LC74761M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD1, VDD2 pins
VSS – 0.3 to VSS + 7.0
V
Maximum input voltage
VIN max
All input pins
VSS – 0.3 to VDD + 0.3
V
Maximum output voltage
VOUT max
HSYNCOUT, VSYNCOUT,
VSS – 0.3 to VDD + 0.3
V
SYNCDET pins
Allowable power dissipation
Pd max
300
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Allowable Operating Ranges at Ta = –30 to +70°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD1
VDD1 pin
4.5
5.0
5.5
V
VDD2
VDD2 pin
4.5
5.0
1.27 VDD1
V
Input high level voltage
VIH1
RST, CS, SIN, SCLK pins
0.8 VDD1
VDD1 + 0.3
V
VIH2
SECAM, 525/625,
0.7 VDD1
VDD1 + 0.3
V
NTSC/PAL, 3.58/4.43 pins
Input low level voltage
VIL1
RST, CS, SIN, SCLK pins
VSS – 0.3
0.2 VDD1
V
VIL2
SECAM, 525/625,
VSS – 0.3
0.3 VDD1
V
NTSC/PAL, 3.58/4.43 pins
Input voltage
VIN
FC, AMPIN pins
VSS – 0.3
VDD1 + 0.3
V
VIN1
CVIN pins
2 VPP
V
Composite video signal input voltage
VIN2
CVCR pins
2 VPP
V
VIN3
SYNCIN pins
2 VPP
2.5 VPP
V
Oscillator frequency
NTSC
14.318
MHz
FOSC1
XtalIN1, XtalOUT1, XtalIN2,
PAL
17.734
MHz
XtalOUT2 pins; 4fsc
PAL-M
14.302
MHz
PAL-N
14.328
MHz
Electrical Characteristics at Ta = –30 to +70°C, with VDD1 = VDD2 = 5 V unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output off leakage current
Ileak1
CVOUT pin
10
µA
Input off leakage current
Ileak2
CVIN, CVCR pins
10
µA
Output high level voltage
VOH
HSYNCOUT, VSYNCOUT,
3.5
V
SYNCDET, SECAM, 525/625,
NTSC/PAL, 3.58/4.43, AMPOUT,
PDOUT pins; VDD1 = 4.5 V, IOH = –1.0 mA
Output low level voltage
VOL
HSYNCOUT, VSYNCOUT,
1.0
V
SYNCDET, SECAM, 525/625,
NTSC/PAL, 3.58/4.43, AMPOUT,
PDOUT pins; VDD1 = 4.5 V, IOL = 1.0 mA
Input current
IIH
RST, CS, SIN, SCLK, SECAM, 525/625,
1
µA
NTSC/PAL, 3.58/4.43 pins; VIN = VDD1
IIL
SECAM, 525/625, NTSC/PAL,
–1
µA
3.58/4.43 pin; VIN = VSS1
Oscillator frequency
FOSC3
VCOIN, VCOOUT pins; FC = 1/2 VDD1
14.12
MHz
Operating current dissipation
IDD1
VDD1 pin; All outputs open, Xtal: 4fsc
15
mA
IDD2
VDD2 pin; VDD2 = 5.0 V
20
mA
Timing Characteristics at Ta = –30 to +70°C, VDD = 5 ±0.5 V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Minimum input pulse width
tW(SCLK)
SCLK pin
200
ns
tW(CS)
CS pin (during periods when CS is high)
1
µs
Data setup time
tSU(CS)
CS pin
200
ns
tSU(SIN)
SIN pin
200
ns
Data hold time
th(CS)
CS pin
2
µs
th(SIN)
SIN pin
200
ns
One word write time
tword
Write time for 8 bits of data
4.2
µs
twt
RAM data write time
1
µs
No. 4846-2/20
LC74761, 74761M


Similar Part No. - LC74761M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761M SANYO-LC74761M Datasheet
328Kb / 21P
   On-Screen Display LSI
More results

Similar Description - LC74761M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com