Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74760M Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC74760M
Description  On-Screen Display IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74760M Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC74760M Datasheet HTML 3Page - Sanyo Semicon Device LC74760M Datasheet HTML 4Page - Sanyo Semicon Device LC74760M Datasheet HTML 5Page - Sanyo Semicon Device LC74760M Datasheet HTML 6Page - Sanyo Semicon Device LC74760M Datasheet HTML 7Page - Sanyo Semicon Device LC74760M Datasheet HTML 8Page - Sanyo Semicon Device LC74760M Datasheet HTML 9Page - Sanyo Semicon Device LC74760M Datasheet HTML 10Page - Sanyo Semicon Device LC74760M Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
Second byte identification code
6
0
5
0
4
H4
0
1
3
H3
0
1
2
H2
0
Display memory character address (from 0 to 17 (hexadecimal))
1
1
H1
0
1
0
H0
0
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
2
COMMAND1: Display Character Data Write Command
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
When this command is entered, the
6
0
The command 1 identification code:
chip locks in display character write
5
0
sets the display memory write address.
mode until the CS pin is set high.
4
1
3
0
2
0
1
at2
0
Turns character attribute 2 off.
Specifies highlight or flashing.
1
Turns character attribute 2 on.
0
at1
0
Turns character attribute 1 off.
Specifies reverse video.
1
Turns character attribute 1 on.
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
6
c6
0
1
5
c5
0
1
4
c4
0
1
Character code (from 00 to 7F (hexadecimal))
3
c3
0
1
2
c2
0
1
1
c1
0
1
0
c0
0
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
No. 4453-7/14
LC74760, 74760M


Similar Part No. - LC74760M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761M SANYO-LC74761M Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results

Similar Description - LC74760M

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
logo
New Japan Radio
NJM2252 NJRC-NJM2252 Datasheet
357Kb / 10P
   ON SCREEN DISPLAY MIX IC
logo
Sanyo Semicon Device
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74775 SANYO-LC74775 Datasheet
258Kb / 35P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com