Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT431LA Datasheet(PDF) 2 Page - Weitron Technology

Part # WT431LA
Description  PROGRAMMABLE PRECISION REFERENCE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT431LA Datasheet(HTML) 2 Page - Weitron Technology

  WT431LA Datasheet HTML 1Page - Weitron Technology WT431LA Datasheet HTML 2Page - Weitron Technology WT431LA Datasheet HTML 3Page - Weitron Technology WT431LA Datasheet HTML 4Page - Weitron Technology WT431LA Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
WT431LT1
2/5
03-Nov-06
http://www.weitron.com.tw
WEITRON
-
+
CATHODE
BLOCK DIAGRAM
PIN ASSIGNMENT
WT431R
WT431L
PIN1 = REF
PIN2 = Cathode
PIN3 = Anode
2
3
1
ANODE
REF
VREF
PIN1 = Cathode
PIN2 = REF
PIN3 = Anode
2
3
1
Ordering information
WT431RA
0.5%
3000 Units / Tape & Reel
3000 Units / Tape & Reel
3000 Units / Tape & Reel
3000 Units / Tape & Reel
WT431RB
1%
WT431LA
0.5%
WT431LB
1%
Ordering Number
Rank
Shipping


Similar Part No. - WT431LA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT431 WEITRON-WT431 Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
WT431A WEITRON-WT431A Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
WT431B WEITRON-WT431B Datasheet
587Kb / 2P
   Adjustable Accurate Reference Source
More results

Similar Description - WT431LA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com