Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB300A Datasheet(PDF) 3 Page - Weitron Technology

Part # P6SMB300A
Description  600W Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

P6SMB300A Datasheet(HTML) 3 Page - Weitron Technology

  P6SMB300A Datasheet HTML 1Page - Weitron Technology P6SMB300A Datasheet HTML 2Page - Weitron Technology P6SMB300A Datasheet HTML 3Page - Weitron Technology P6SMB300A Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P6SMB Series
WEITRON
http://www.weitron.com.tw
0
25
50
75
100
0
75
25
50
100
125
150
175
200
T A — Ambient Temperature ( C )
FIG. 2- Pulse Derating Curve
FIG. 1- Peak Pulse Power Rating Curve
0.1
1
10
100
0.1 s
1.0 s
10 s
td — P ulse Width (sec.)
100 s
1.0ms
10ms
0.2 x 0.2" (0.5 x 0.5mm)
C opper P ad Areas
FIG.6 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of C ycles at 60HZ
10
200
100
1
1
0
100
8.3ms S ingle Half S ine-Wave
(J E DE C Method)
Unidirectional Only
tp — P ulse Duration (sec)
FIG. 5 - Typical Transient Thermal
Impedance
0.1
1.0
10
100
0.001
0.01
0.1
1
10
100
1000
0
50
100
150
FIG. 3- Pulse Wavef orm
T J = 25 C
P ulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10 sec.
P eak Value
IPPM
Half Value — IP P
IPPM
2
td
10/1000 sec. Waveform
as defined by R .E .A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
FIG.4 - Typical Junction Capacitance
10
100
1,000
6,000
10
1
100
200
VWM — R everse S tand-Off Voltage (V)
T J = 25 C
f = 1.0MHz
V sig = 50mV p-p
V R , Measured at
S tand-Off
Voltage, V WM
Measured at
Zero B ias
Uni-Directional
B i-Directional
Ratings and Characteristic Curves
u
3/4
Rev.A 18-May-07


Similar Part No. - P6SMB300A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6SMB300A WEITRON-P6SMB300A Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Bourns Electronic Solut...
P6SMB300A BOURNS-P6SMB300A Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
logo
Littelfuse
P6SMB300A LITTELFUSE-P6SMB300A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Nantong Hornby Electron...
P6SMB300A HORNBY-P6SMB300A Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
P6SMB300A VISHAY-P6SMB300A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
More results

Similar Description - P6SMB300A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com