Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMB5935B Datasheet(PDF) 1 Page - Weitron Technology

Part # SMB5935B
Description  Surface Mount Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SMB5935B Datasheet(HTML) 1 Page - Weitron Technology

  SMB5935B Datasheet HTML 1Page - Weitron Technology SMB5935B Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Zener Diodes
Mechanical Data
Features:
WEITRON
http://www.weitron.com.tw
SMB5921B series
1/2
Rev.A 04-Nov-09
Lead(Pb)-Free
P b
* Glass passivated chip
* Low leakage
* Built-in strain relief
* Low inductance
* High peak reverse power dissipation
* For use in stabilizing and clipping circuits with
high power rating.
* Case: Molded plastic SMB/DO-214AA
* Epoxy: UL 94V-0 rate ame retardant
* Terminals: Solderable per MIL-STD-750 method 2026
* Polarity: cathode band
* Mounting position: Any
* Weight: 0.093 gram
SURFACE MOUNT
ZENER DIODES
3.0 WATTS
SMB(DO-214AA)
SMB Outline Dimension
SMB
Dim
Min
Max
A
B
C
D
E
G
H
J
A
B
C
D
J
G
H
E
3.30
4.06
1.96
0.15
5.00
0.10
0.76
2.00
3.94
4.80
2.21
0.31
5.59
0.20
1.52
2.62
Unit:mm


Similar Part No. - SMB5935B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB5935B SECOS-SMB5935B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5935B PACELEADER-SMB5935B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5935B SECOS-SMB5935B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Dc Components
SMB5935B DCCOM-SMB5935B Datasheet
49Kb / 2P
   RECTIFIER SPECIALISTS
logo
SeCoS Halbleitertechnol...
SMB5935B SECOS-SMB5935B Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results

Similar Description - SMB5935B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com