Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB200A Datasheet(PDF) 4 Page - Weitron Technology

Part # P6SMB200A
Description  600W Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

P6SMB200A Datasheet(HTML) 4 Page - Weitron Technology

  P6SMB200A Datasheet HTML 1Page - Weitron Technology P6SMB200A Datasheet HTML 2Page - Weitron Technology P6SMB200A Datasheet HTML 3Page - Weitron Technology P6SMB200A Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P6SMB Series
Unit:mm
SMB
3.30
3.94
4.06
4.57
1.95
2.20
0.152
0.305
5.21
5.59
0.203
0.76
1.52
2.13
2.44
SMB Outline Dimension
Dim
Min
Max
A
B
C
D
E
G
H
J
WEITRON
http://www.weitron.com.tw
4/4
Rev.A 18-May-07


Similar Part No. - P6SMB200A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB200A CENTRAL-P6SMB200A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
P6SMB200A VISHAY-P6SMB200A Datasheet
109Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
logo
EIC discrete Semiconduc...
P6SMB200A EIC-P6SMB200A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
P6SMB200A YANGJIE-P6SMB200A Datasheet
187Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
P6SMB200A VISHAY-P6SMB200A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 14-Dec-12
More results

Similar Description - P6SMB200A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Comchip Technology
SMBJ440CA COMCHIP-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMBJ220A ETC2-SMBJ220A Datasheet
14Mb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ-AT UNSEMI-SMBJ-AT Datasheet
3Mb / 7P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P6SMBJ WTE-P6SMBJ Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMBJ440CA SEMITECH-SMBJ440CA Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
DIYI Electronic Technol...
SMBJ5.0 DYELEC-SMBJ5.0 Datasheet
720Kb / 5P
   600W Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMBJ3V3A UNSEMI-SMBJ3V3A Datasheet
2Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com