Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78302 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78302
Description  Dual LDO with Low Noise, High Performance and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78302 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78302 Datasheet HTML 1Page - Intersil Corporation ISL78302 Datasheet HTML 2Page - Intersil Corporation ISL78302 Datasheet HTML 3Page - Intersil Corporation ISL78302 Datasheet HTML 4Page - Intersil Corporation ISL78302 Datasheet HTML 5Page - Intersil Corporation ISL78302 Datasheet HTML 6Page - Intersil Corporation ISL78302 Datasheet HTML 7Page - Intersil Corporation ISL78302 Datasheet HTML 8Page - Intersil Corporation ISL78302 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL78302
3
FN7696.0
January 28, 2011
Pin Descriptions
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
VIN
Analog I/O
Supply Voltage/LDO Input. Connect a 1µF capacitor to GND.
2
EN1
Low Voltage Compatible CMOS Input
LDO-1 Enable. ENABLE = HIGH
3
EN2
Low Voltage Compatible CMOS Input
LDO-2 Enable. ENABLE = HIGH
4
CBYP
Analog I/O
Reference Bypass Capacitor Pin. Recommended to connect capacitor of value
0.01µF between this pin and GND for optimum noise and PSRR performance.
5
CPOR
Analog I/O
POR2 Delay Setting Capacitor Pin. Connect a capacitor between this pin and
GND to delay the POR2 output release after LDO-2 output reaches 94% of its
specified voltage level. (200ms delay per 0.01µF).
6
GND
Ground
GND is the connection to system ground. Connect to PCB Ground plane.
7POR1
Open Drain Output (1mA)
Open-drain POR Output for LDO-1 (active-low). Internally connected to VO1
through 100k
Ω resistor.
8POR2
Open Drain Output (1mA)
Open-drain POR Output for LDO-2 (active-low). Internally connected to VO2
through 100k
Ω resistor.
9VO2
Analog I/O
LDO-2 Output. Connect capacitor of value 1µF to 10µF to GND (1µF
recommended).
10
VO1
Analog I/O
LDO-1 Output. Connect capacitor of value 1µF to 10µF to GND (1µF
recommended).
Ordering Information
PART NUMBER
(Notes 1, 3, 4)
PART
MARKING
VO1 VOLTAGE
(V) (Note 2)
VO2 VOLTAGE
(V) (Note 2)
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG
DWG. #
ISL78302ARFBZ
DNAB
2.5
1.5
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
Coming Soon
ISL78302ARBFZ
DNAC
1.5
2.5
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
Coming Soon
ISL78302ARNBZ
DNAD
3.3
1.5
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
Coming Soon
ISL78302ARBNZ
DNAE
1.5
3.3
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
Coming Soon
ISL78302ARNWZ
DNAF
3.3
1.2
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
Coming Soon
ISL78302ARWCZ
DNAG
1.2
1.8
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
Coming Soon
ISL78302ARFWZ
DNAH
2.5
1.2
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
Coming Soon
ISL78302ARCWZ
DANJ
1.8
1.2
-40 to +105
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T*”suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. For other output voltages, contact Intersil.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page for ISL78302. For more information on MSL please see techbrief TB363.


Similar Part No. - ISL78302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302 RENESAS-ISL78302 Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
logo
Intersil Corporation
ISL78302 INTERSIL-ISL78302 Datasheet
541Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
November 6, 2014
logo
Renesas Technology Corp
ISL78302A RENESAS-ISL78302A Datasheet
616Kb / 12P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
logo
Intersil Corporation
ISL78302A INTERSIL-ISL78302A Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
ISL78302AARBJZ INTERSIL-ISL78302AARBJZ Datasheet
321Kb / 11P
   Dual LDO with Low Noise, Very High PSRR and Low IQ
December 23, 2013
More results

Similar Description - ISL78302

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78302 RENESAS-ISL78302 Datasheet
743Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
logo
Intersil Corporation
ISL78302ARFBZ INTERSIL-ISL78302ARFBZ Datasheet
541Kb / 13P
   Dual LDO with Low Noise, High Performance and Low IQ
November 6, 2014
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com