Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR560 Datasheet(PDF) 3 Page - Weitron Technology

Part # SR560
Description  Axial Lead Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SR560 Datasheet(HTML) 3 Page - Weitron Technology

  SR560 Datasheet HTML 1Page - Weitron Technology SR560 Datasheet HTML 2Page - Weitron Technology SR560 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE,( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FORWARD VOLTAGE,(V)
FIG.2-TYPICAL FORWARD CHARACTERISTICS
WEITRON
0.1
1.0
.01
10
50
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1 1.3 1.5
3.0
Tj=25 C
WEITRON
http://www.weitron.com.tw
SR520 thru SR5100
3/3
05-Mar-09
RATINGAND CHARACTERISTIC CURVES
60
30
0
90
150
120
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
1.0
2.0
3.0
4.0
5.0
6.0
0
0
20
40
60
80
100
120
140
160
180
200
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
.1
1.0
10
100
0
20
40
60
80 100 120 140
.01
Tj=75 C
Tj=25 C


Similar Part No. - SR560

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR560 WTE-SR560 Datasheet
50Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR560 DGNJDZ-SR560 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SR560 JINANJINGHENG-SR560 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
logo
Guangdong Juxing Electr...
SR560 JUXING-SR560 Datasheet
802Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR560 FORMOSA-SR560 Datasheet
128Kb / 6P
   5.0A Axial Leaded Schottky Barrier Rectifiers - 20V-100V
More results

Similar Description - SR560

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SR220 WEITRON-SR220 Datasheet
231Kb / 3P
   Axial Lead Schottky Barrier Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
logo
Weitron Technology
1N5817 WEITRON-1N5817 Datasheet
346Kb / 3P
   Axial Lead Schottky Power Rectifiers
1N5820 WEITRON-1N5820 Datasheet
277Kb / 3P
   Axial Lead Schottky Power Rectifiers
logo
Shanghai Leiditech Elec...
SR520 LEIDITECH-SR520 Datasheet
779Kb / 2P
   Axial Series Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
1N5820 SUNMATE-1N5820 Datasheet
77Kb / 2P
   3.0A Axial Leaded Schottky Barrier Rectifiers
SR502 SUNMATE-SR502 Datasheet
121Kb / 2P
   5.0A Axial Leaded Schottky Barrier Rectifiers
31DQ05 SUNMATE-31DQ05 Datasheet
1Mb / 3P
   3.0A Axial Leaded Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com