Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T110AB-LC Datasheet(PDF) 3 Page - Weitron Technology

Part No. T110AB-LC
Description  Low Capacitance Bi-Directional Surface Mount Thyristor Surge Protective Device
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

T110AB-LC Datasheet(HTML) 3 Page - Weitron Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
3/3
Rev.A 29-Jan-07
RATINGS AND CHARACTERICTIC CURVES (TA=25˚C unless otherwise noted)
0.80
0.85
0.90
0.9
1.00
1.05
1.10
1.15
Fig.5 Typical normalized VS Vs Junction Temperature
tJ - Temperature - (°C)
-40
0
1
10
100
1
10
100
1000
Fig.6 On-State Current Vs Surge Current
Surge Current Duration - Full
Supply Frequency : 60Hz Sinusoidal
Load: Resistive
Rms On-State Current(IT(RMS)) : Maximum
Rated Value at Specified Case Temperature
TXXXAB-LC
TXXXBB-LC
TXXXCB-LC
IPP
ITSM
IT
IS
IH
IRM
VT
VRM
VS
Fig.7 V - I Characteristics Curve
120
40
80
Fig.3 Typical On-State Current Vs On-State Voltage
0.00
0.05
1.00
1.50
2.00
2.50
Fig.4 Typical Holding Current Vs Junction Temperature
tJ - Temperature - (°C)
1
10
100
VT- On - State Voltage - (V)
TXXXAB-LC
TXXXBB-LC
TXXXCB-LC
0
1
2
3
4
5
6
7
-40
0
40
80
120
T110AB-LC Thru T400AB-LC
T110BB-LC Thru T400BB-LC
T110CB-LC Thru T400CB-LC


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn